Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TPP3XGDS0C000E2G Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part No. TPP3XGDS0C000E2G
Description  850nm SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

   
 3 page
background image
46335 Landing Pkwy‧Fremont CA 94538-6407‧Tel: 510-933-7200‧Fax: 510-933-7300‧Email: info@oplink.com‧Web: www.oplink.com
Page 3 of 6
S0365. Rev.01. 2012-11-27
TPP3XGDS0x000E2G
850nm SFP+ Transceiver
Transmitter Electrical Characteristics (Over Operating Case Temperature, VCC =3.13 to 3.47V)
Receiver Electrical Characteristics (Over Operating Case Temperature, VCC =3.13 to 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Differential Output Impedance
Zd
-
100
-
Differential Output Swing
VPP-DIFF
300
450
850
mV
Output Rise and Fall time 20% to 80%
tRH, tFH
24
-
-
ps
Output HIGH Voltage (LOS)
1
VOH
Vcc-1.3
-
Vcc+0.3
V
Output Low Voltage (LOS)
1
VOL
0
-
0.8
V
1 Open collector compatible, 4.7 kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage)
Electrical Power Supply Characteristics (Over Operating Case Temperature, VCC =3.13 to 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
VCC
3.13
3.30
3.47
V
DC Common Mode Voltage
VCM
0
-
3.6
V
Supply Current
1
IVCC
-
-
280
mA
Power Consumption
PW
-
0.6
1.0
W
Note: The specified characteristics are met within the recommended range of operation. Unless otherwise noted typical data are quoted at
nominal voltage and +25°C ambient temperature.
Connector Pin-out
Parameter
Symbol
Min
Typ
Max
Units
Differential Input Impedance
Zd
-
100
-
Differential Input Voltage Swing
VPP-DIFF
180
-
700
mV
Input High Voltage (TX Disable)
1
VIH
2.0
-
Vcc
V
Input LOW Voltage (TX Disable)
1
VIL
0
-
0.8
V
Output High Voltage (TX Fault)
2
VOH
2.0
-
Vcc+0.3
V
Output LOW Voltage (TX Fault)
2
VOL
0
-
0.8
V
1There is an internal 4.7 kΩ to 10 kΩ pull-up resistor to VccT
2Open collector compatible, 4.7 kΩ to 10 kΩ pull-up resistor to Vcc (Host Supply Voltage)




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl