Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TPP3XGDS0C000E2G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part No. TPP3XGDS0C000E2G
Description  850nm SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

   
 2 page
background image
46335 Landing Pkwy‧Fremont CA 94538-6407‧Tel: 510-933-7200‧Fax: 510-933-7300‧Email: info@oplink.com‧Web: www.oplink.com
Page 2 of 6
S0365. Rev.01. 2012-11-27
TPP3XGDS0x000E2G
850nm SFP+ Transceiver
Transmitter Performance Characteristics (Over Operating Case Temperature, VCC =3.13 to 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Data Rate
B
8.0
-
11.3
Gb/s
Center Wavelength
C
840
850
860
nm
Spectral Width

rms
-
-
0.45
nm
Average Launch Power
1
Pavg
- 5
-
- 1
dBm
Launch Power in OMA
1
POMA
-
- 1.5
-
dBm
Extinction Ratio
ER
3
-
-
dB
Relative Intensity Noise
RIN12OMA
-
-
- 128
dB/Hz
Average Launch Power of OFF Transmitter
Poff
-
-
- 30
dBm
Transmitter and Dispersion Penalty @ 10.3125Gb/s
TDP
-
-
3.9
dB
1 Launch power figures are informative only, per IEEE 802.3ae.
Receiver Performance Characteristics (Over Operating Case Temperature, VCC =3.13 to 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Data Rate
B
8.0
-
11.3
Gb/s
Wavelength of Operation
840
-
860
nm
Receiver Sensitivity
Pavg @ 10.3125Gb/s
1
Pmin
-
-
- 9.9
dBm
OMA @ 10.3125Gb/s
1
-
-
- 11.1
Stressed Receiver Sensitivity in OMA (@10.3125Gb/s)
2
-
-
-
- 7.5
dBm
Maximum Input Power (10
-12 BER)
PMAX
+ 0.5
-
-
dBm
LOS Hysteresis
-
0.5
-
-
dB
LOS Thresholds
Increasing Light Input
Plos+
-
-
- 11
dBm
Decreasing Light Input
Plos-
- 30
-
-
1 Specified with BER <1x10-12 and PRBS 231-1.
2 Compliant with IEEE 802.3ae
Note: The specified characteristics are met within the recommended range of operation. Unless otherwise noted typical data are quoted at
nominal voltage and +25°C ambient temperature.
Laser Safety:
All transceivers are Class I Laser products per
FDA/CDRH and IEC-60825 standards. They must be
operated under specified operating conditions.
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl