Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TPP3XGDS0C000E2G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part No. TPP3XGDS0C000E2G
Description  850nm SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

   
 1 page
background image
46335 Landing Pkwy‧Fremont CA 94538-6407‧Tel: 510-933-7200‧Fax: 510-933-7300‧Email: info@oplink.com‧Web: www.oplink.com
Page 1 of 6
S0365. Rev.01. 2012-11-27
TPP3XGDS0x000E2G
850nm SFP+ Transceiver
Features
 850nm VCSEL laser
 Transmission distance up to 300m on OM3 MM fiber
 Low power consumption
Wide Case Operating Temperature Range
 Compliant with SFP+ Electrical MSA SFF-8431
 Compliant with SFP+ Mechanical MSA SFF-8432
 Digital Diagnostics Monitoring (DDM) through Serial
Interface comply with SFF-8472, Rev. 10.4
 RoHS 6/6 compliant
 Compliant with product safety standards
Description
The TPP3XGDS0x000E2G is an enhanced small form
factor pluggable (SFP+) fiber optic transceiver with digital
diagnostics monitoring functionality (DDM). Supporting
Ethernet and Fiber Channel standards makes it ideally
suited for 10Gbps data-com and storage area network
applications.
DDM
functionality
(alarm
and
warning
features) is integrated into the design via an I
2C serial
interface per the Multi-Source Agreement (MSA) SFF-8472,
Rev. 10.4.
The
transceiver
supports
data
rates
ranging
from
11.3Gbps down to 8Gbps. It provides an excellent solution
for transmission at 850nm over up to 300m 2000MHz
km
multimode fiber. The sub-watt power consumption and
excellent EMI performance allow system design with high
port density. The product is RoHS compliant and is
designed and tested in accordance with industry safety
standards. The transceiver is Class I Laser product per
U.S. FDA/CDRH and international IEC-60825 standards.
The
TPP3XGDS0x000E2G
transceiver
connects
to
standard 20-pad SFP+ connectors for hot plug capability.
This allows the system designer to make configuration
changes or maintenance by simply plugging in different
transceivers without removing the power supply from the
host system. The transmitter and receiver DATA interfaces
are internally AC-coupled. LV-TTL Transmitter Disable
control input and Loss of Signal (LOS) output interfaces
are also provided.
The transceiver has bail-type latch, which offers an easy
and convenient way to release the modules. The latch is
compliant with the SFP MSA.
The transceiver operates from a single +3.3V power supply
over an operating case temperature range of -5°C to
+70°C (Commercial), or -5°C to +85°C (Extended). The
housing is made of metal for EMI immunity.
Absolute Maximum Ratings
Parameters
Symbol
Min
Max
Units
Storage Temperature Range
TST
- 40
+ 85
°C
Operating
Temperature
Range
1
Commercial
TOP
- 5
+ 70
°C
Extended
- 5
+ 85
Operating Relative Humidity
2
RH
0
85
%
Supply Voltage Range
VCC
- 0.5
+ 3.6
V
1 Measured on top side of SFP+ module at the front center vent hole of the cage
2 Non condensing




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl