Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OFMS06400002315 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # OFMS06400002315
Description  OFMS Series Large Channel Count 1xN Switch Subsystem
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OFMS06400002315 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  OFMS06400002315 Datasheet HTML 1Page - OPLINK Communications Inc. OFMS06400002315 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OFMS Series
Large Channel Count 1xN Switch Subsystem
OFMS 1xN Subsystem Series
S0466 - R01. (web) 2014926
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Interconnect Transmission HFC/RoF Subsystem
OFMS
Ordering Information
Mechanical Drawing (example w/ SC connector)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
0
0
0
0
3
1
Power Type
Package Type
Pigtail Type
Output Port#
AC Power = 1
DC Power = 2
P3 = 3
SMF-28 = 1
1x32 = 032
1x64 = 064
Connector Type
SC/SPC = 3
SC/APC = 4
LC/PC = 5
LC/APC = 6
OFMS-1X64
COM
CON
ETH
(-)
NEG1
(+)
RTN1
(-)
NEG2
(+)
RTN2
-48 -60V; 1A
RESET
PWR
B
PWR
A
RUN
/ALM
O00
O01
O02
O03
O04
O05
O06
O07
O08
O09
O10
O11
O12
O13
O14
O15
O16
O17
O18
O19
O20
O21
O22
O23
O24
O25
O26
O27
O28
O29
O30
O31
O32
O33
O34
O35
O36
O37
O38
O39
O40
O41
O42
O43
O44
O45
O46
O47
O48
O49
O50
O51
O52
O53
O54
O55
O56
O57
O58
O59
O60
O61
O62
O63
O00
O01
COM
CON
ETH
RESET
COM OUT
COM IN
PWRB
PWRA
RUN/ALM
50/60 Hz
0.5 Amp
100-240V
O02
O03
O04
O05
O06
O07
O08
O09
O10
O11
O12
O13
O14
O15
O16
O17
O18
O19
O20
O21
O22
O23
O24
O25
O26
O27
O28
O29
O30
O31
O32
O33
O34
O35
O36
O37
O38
O39
O40
O41
O42
O43
O44
O45
O46
O47
O48
O49
O50
O51
O52
O53
O54
O55
O56
O57
O58
O59
O60
O61
O62
O63
Fuse
250V1.6A
DC Power type
AC Power type


Similar Part No. - OFMS06400002315

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS-1X4 OPLINK-OFMS-1X4 Datasheet
253Kb / 3P
   1x4 Optical Fiber Switches
OFMS-1X8 OPLINK-OFMS-1X8 Datasheet
279Kb / 3P
   1x8 Optical Fiber Switches
OFMS-1XN OPLINK-OFMS-1XN Datasheet
278Kb / 2P
   Large Channel Count 1xN Switch Module
OFMS-MINI-148 OPLINK-OFMS-MINI-148 Datasheet
368Kb / 2P
   Protection Switch
OFMS-MINI-1X4 OPLINK-OFMS-MINI-1X4 Datasheet
252Kb / 2P
   1x4 Optical Fiber Switches
More results

Similar Description - OFMS06400002315

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS-1XN OPLINK-OFMS-1XN Datasheet
278Kb / 2P
   Large Channel Count 1xN Switch Module
logo
JDS Uniphase Corporatio...
SQ131Y37 JDSU-SQ131Y37 Datasheet
148Kb / 4P
   Flexible Small Channel Count Switch Module
logo
Extech Instruments Corp...
380976-K EXTECH-380976-K Datasheet
277Kb / 1P
   Large dual LCD display (9999 count)
logo
Molex Electronics Ltd.
2084731502 MOLEX-2084731502 Datasheet
2Mb / 9P
   DDQ BIPASS 1XN
2021/03/02
logo
Pulse A Technitrol Comp...
J416 PULSE-J416 Datasheet
781Kb / 4P
   1XN, Tab-Up, PoE
logo
Zarlink Semiconductor I...
MT90820 ZARLINK-MT90820 Datasheet
573Kb / 37P
   Large Digital Switch
logo
Pulse A Technitrol Comp...
J404 PULSE-J404 Datasheet
1Mb / 6P
   1xN Tab-Down
logo
Mitel Networks Corporat...
MT90823 MITEL-MT90823 Datasheet
150Kb / 34P
   3V Large Digital Switch
logo
Zarlink Semiconductor I...
MT90823AP ZARLINK-MT90823AP Datasheet
663Kb / 46P
   3V Large Digital Switch
logo
Pulse A Technitrol Comp...
J410 PULSE-J410 Datasheet
949Kb / 6P
   PulseJack 1xN Tab-Up
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com