Electronic Components Datasheet Search |
|
DPBW06F-15 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd. |
|
DPBW06F-15 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd. |
3 / 5 page SPECIFICATION SAFETY & EMC (5) Note. WITHSTAND VOLTAGE ISOLATION RESISTANCE Conducted EN55032(CISPR32) Radiated ESD EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 EN61000-4-8 Radiated Susceptibility EFT/Burest Surge Conducted Magnetic Field 1850Khrs MIL-HDBK-217F(25 ) ℃ 21.8*9.2*11.1mm (0.86*0.36*0.44 inch) EN55032(CISPR32) EMC EMISSION VOLTAGE RANGE SURGE VOLTAGE (100ms max.) FILTER PROTECTION INTERNAL POWER DISSIPATION VOLTAGE ACCURACY RATED POWER SHORT CIRCUIT INPUT OUTPUT PROTECTION ENVIRONMENT WORKING TEMP. CASE TEMPERATURE WORKING HUMIDITY COOLING STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SOLDERING TEMPERATURE 24Vin models : 50Vdc, 48Vin models : 100Vdc F: 9~36Vdc , G: 18~75Vdc Internal capacitor ±1.5% 6W 100mVp-p ±0.2% -40 ~ + (Refer to "Derating Curve") 85 ℃ +100 max. ℃ 20% ~ 90% RH non-condensing Free-air convection -55 ~ +1 , 10 ~ 95% 25 RH non-condensing ℃ 0.03% / (0 ~ 65 ) ℃℃ 1.5mm from case of 1 ~ 3sec./260 max. ℃ 10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes I/P-O/P:1.5KVDC I/P-O/P:100M Ohms / 500VDC / 25 / 70% RH ℃ 50pF 500mW Fuse recommended. 24Vin models: 1.25A fast-acting Type, 48Vin models: 630mA fast-scting Type 580KHz Protection type : Continuous, automatic recovery Single output models: 0.5%, Dual output models: 1% ±± REMOTE CONTROL FUNCTION Power ON: R.C. ~ -Vin high impedance open ; Power OFF: supplying 2~4mA for R.C. pin (Please refer to the application circuit in following page) Parameter Standard Parameter Standard Test Level / Note Test Level / Note MTBF DIMENSION (L*W*H) EMC IMMUNITY OTHERS CASE MATERIAL Non-Conductive black plastic (UL 94V-0 rated) PACKING 4.8g NOTE 1.All parameters are specified at normal input(F:24Vdc, G:48Vdc), rated load, 25 70% RH ambient. ℃ 2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1 f & 47 f capacitor. μμ 3.Line regulation is measured from low line to high line at rated load. 4.Load regulation is measured from 0% to 100% rated load. 5.The final equipment must be re-confirm that it still meet EMC directives. For guidance on how to perform these EMC tests, please refer to EMI testing of component power supplies.(as available on http://www.meanwell.com) File Name:SPBW06,DPBW06-SPEC 2017-03-06 OVERLOAD 6W SIP Package DC-DC Regulated Converter SPBW06 & DPBW06 series RIPPLE & NOISE Note.2 LINE REGULATION Note.3 LOAD REGULATION Note.4 SWITCHING FREQUENCY (Typ.) Protection type : Recovers automatically after fault condition is removed ISOLATION CAPACITANCE (Typ.) N/A Class A with external components Level 2, 3V/m Level 2, 8KV air, 4KV contact ±± Level 2, 3V(e.m.f.) Level 1, 0.5KV Line-Line Level 1, 0.5KV Level 2, 3A/m |
Similar Part No. - DPBW06F-15 |
|
Similar Description - DPBW06F-15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |