Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OFMS1200ES05111 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # OFMS1200ES05111
Description  Eco Series Optical Fiber Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OFMS1200ES05111 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  OFMS1200ES05111 Datasheet HTML 1Page - OPLINK Communications Inc. OFMS1200ES05111 Datasheet HTML 2Page - OPLINK Communications Inc. OFMS1200ES05111 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Description
Features
Applications
Performance Specificationns
S0318 - R04. (web) 20141104
Notes:
1) Exclude connector loss. IL @23 °C, 1310 and/or
1550nm and all SOP. Add 0.5 dB (max) to for Quad
1x1, Dual 2x2 A/D, Dual Full 2x2 and 0.3dB (max)
for others type for over operating temperature and
wavelength ranges.
2) Based on FOT-34 method A, steady state equilib-
rium launch conditions.
3) Driving voltage pulse duration shall ≥20ms.
Eco Series Optical Fiber Switch
OFMS Eco Series
Oplink’s Eco series optical fiber switches unify different switch configurations of 1x1,
Dual 1x1, Quad 1x1, 1x2, 2x2Add/Drop, Full2x2, Dual 1x2, Dual 2x2Add/Drop and Dual
Full2x2 onto the same package, providing the same PCB-direct-mountable footprint.
The switches are built based on Oplink’s optical switch patents (Patents US 6215919,
US 6873757, China ZL03145439.9). They are designed for network protection, fiber
monitoring applications.
Oplink can provide customized designs to meet specialized feature applications.
Also, Oplink offers modular assemblies that integrate other components to form a full
function module or subsystem.
Wide λ range, low IL & crosstalk
One footprint for all configurations
Latching and non-latching options
Compact and direct PCB mounting
Network optical protection
Network monitoring (use members in
Oplink switch family w/ ≥10M durability
where frequent switching is needed)
Instrument, testing and measurement
Parameters
1x1
1x2
Dual 1x1
Dual 1x2
2x2 A/D
Full 2x2
Quad 1x1
Dual 2x2 A/D
Dual Full 2x2
Unit
Operating Wavelength Range (Single-mode)
1260~1360 and/or 1510~1610
nm
Operating Wavelength Range (Multimode)
770~890 and/or 1260~1360
nm
Insertion Loss (Single-mode) 1
Single Window
≤0.5
≤0.7
≤1.1
dB
Dual Window
≤0.7
≤0.9
≤1.4
Insertion Loss (Multimode) 2
≤1.0
≤1.2
≤2.0
dB
PDL (Single-mode)
≤0.1
dB
Return Loss
Single-mode
≥50
dB
Multimode
≥30
Cross-talk
Single-mode
≥55
≥55
≥50
dB
Multimode
≥35
≥30
≥30
Repeatability
≤ ±0.02
dB
Switching Time
≤10
ms
Operating Voltage 3
Latching
5±10%
V
Non-latching
5±10%
Coil Resistance
Latching
250±10%
Ω
Non-latching
178±10%
Switching Cycle Rate
≤10
Hz
Durability
≥106
cycles
Optical Power Rating
≤500
mW
Switch Type
Non-latching or Latching
Fiber Type
Single-mode
SMF-28 or equivalent
Multimode
50/125μm or 62.5/125μm multimode fiber
Operating Temperature
0~70
°C
Operating Relative Humidity
5~95
%RH
Storage Temperature
-40~85
°C
Storage Relative Humidity
5~95
%RH


Similar Part No. - OFMS1200ES05111

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS1200E00111 OPLINK-OFMS1200E00111 Datasheet
300Kb / 2P
   Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS1200E00112 OPLINK-OFMS1200E00112 Datasheet
300Kb / 2P
   Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS1200E00115 OPLINK-OFMS1200E00115 Datasheet
300Kb / 2P
   Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS1200E0011H OPLINK-OFMS1200E0011H Datasheet
300Kb / 2P
   Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS1200E00221 OPLINK-OFMS1200E00221 Datasheet
300Kb / 2P
   Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
More results

Similar Description - OFMS1200ES05111

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS22DUES15111 OPLINK-OFMS22DUES15111 Datasheet
201Kb / 3P
   Eco Series Optical Fiber Switch
OFMSECO OPLINK-OFMSECO Datasheet
195Kb / 3P
   Eco Series Optical Fiber Switch
OFMS2200ES05111 OPLINK-OFMS2200ES05111 Datasheet
201Kb / 3P
   Eco Series Optical Fiber Switch
DURA-S0317 OPLINK-DURA-S0317 Datasheet
176Kb / 2P
   Optical Fiber Switch
logo
ORing Industrial Networ...
IBS-102FX ORING-IBS-102FX Datasheet
768Kb / 4P
   Industrial 2-port optical bypass switch for fiber optical network
logo
Roithner LaserTechnik G...
FCC-6512-5 ROITHNER-FCC-6512-5 Datasheet
99Kb / 2P
   Optical Fiber Checker
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
OPLINK Communications I...
OFMSMM OPLINK-OFMSMM Datasheet
213Kb / 2P
   Optical Fiber Switches
logo
Assmann Electronics Inc...
A-FB-00RLFJ-LC7-1 ASSMANN-A-FB-00RLFJ-LC7-1 Datasheet
57Kb / 1P
   Waterproof Fiber Optical
logo
Richco, Inc.
OFSRG-05-BLK RICHCO-OFSRG-05-BLK Datasheet
86Kb / 1P
   OFSRG - Optical Fiber Strain Relief Gland, Optical Fiber Duplexer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com