Electronic Components Datasheet Search |
|
DKMW30F-12 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd. |
|
DKMW30F-12 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd. |
3 / 4 page SPECIFICATION SAFETY & WITHSTAND VOLTAGE ISOLATION RESISTANCE Conducted EN55032(CISPR32) Radiated ESD EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 EN61000-4-8 Radiated Susceptibility EFT/Burest Surge Conducted Magnetic Field 3.3/5Vout models: 860Khrs, Other models: 1170Khrs MIL-HDBK-217F(25 ) ℃ 25.4*25.4*10.2mm (1*1*0.4 inch) EN55032(CISPR32) EMC EMISSION VOLTAGE RANGE SURGE VOLTAGE (100ms max.) FILTER PROTECTION INTERNAL POWER DISSIPATION VOLTAGE ACCURACY RATED POWER EXTERNAL TRIM ADJ. RANGE (Typ.) SHORT CIRCUIT INPUT OUTPUT PROTECTION ENVIRONMENT WORKING TEMP. CASE TEMPERATURE WORKING HUMIDITY COOLING STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SOLDERING TEMPERATURE 24Vin models : 50Vdc, 48Vin models : 100Vdc F: 9~36Vdc , G: 18~75Vdc Pi type Fuse recommended. 24Vin models: 6A delay time Type, 48Vin models: 3A delay time Type ±1.5% 30W 3.3/5Vout models: other models: 75mVp-p, 100mVp-p ±0.2% -40 ~ + (Refer to "Derating Curve") 85 ℃ +105 max. ℃ 20% ~ 90% RH non-condensing Free-air convection -55 ~ +1 , 10 ~ 95% 25 RH non-condensing ℃ 0.03% / (0 ~ 60 ) ℃℃ 1.5mm from case of 1 ~ 3sec./260 max. ℃ 10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes I/P-O/P:1.5KVDC I/P-O/P:100M Ohms / 500VDC / 25 / 70% RH ℃ 1500pF 500mW 3.3/5Vout models: other models: 270KHz, 330KHz ±10% (Single output model only) Protection type : Continuous, automatic recovery Single output models: 0.2%, Dual output models: 1% ±± REMOTE CONTROL FUNCTION Power ON: R.C. ~ -Vin >3.5~75Vdc or open circuit ; Power OFF: R.C. ~ -Vin <1.2Vdc or short Parameter Standard Parameter Standard Test Level / Note Test Level / Note MTBF DIMENSION (L*W*H) EMC IMMUNITY OTHERS CASE MATERIAL Black coated copper with non-conductive base PACKING 18g NOTE 1.All parameters are specified at normal input(F:24Vdc, G:48Vdc), rated load, 25 70% RH ambient. ℃ 2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1 f & 47 f capacitor. μμ 3.Line regulation is measured from low line to high line at rated load. 4.Load regulation is measured from 0% to 100% rated load. 5.The final equipment must be re-confirm that it still meet EMC directives. For guidance on how to perform these EMC tests, please refer to EMI testing of component power supplies.(as available on http://www.meanwell.com) File Name:SKMW30,DKMW30-SPEC 2017-03-06 OVER VOLTAGE OVER TEMPERATURE Shut down o/p voltage, recovers automatically after temperature goes down Protection type : Clamp by diode UNDER VOLTAGE LOCKOUT Start-up voltage Shutdown voltage 24Vin (F-type): 8.8Vdc, 48Vin (G-type): 17Vdc 24Vin (F-type): 8Vdc, 48Vin (G-type): 16Vdc 30W 1"x1" Package DC-DC Regulated Converter SKMW30 & DKMW30 series RIPPLE & NOISE Note.2 LINE REGULATION Note.3 LOAD REGULATION Note.4 SWITCHING FREQUENCY (Typ.) OVERLOAD 110 ~ 170% rated output power ISOLATION CAPACITANCE (Typ.) EMC (5) Note. N/A Protection type : Recovers automatically after fault condition is removed Class A Level 2, 3V/m Level 2, 8KV air, 4KV contact ±± Level 2, 3V(e.m.f.) Level 1, 0.5KV Line-Line Level 1, 0.5KV Level 2, 3A/m |
Similar Part No. - DKMW30F-12 |
|
Similar Description - DKMW30F-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |