Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022281171 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0022281171
Description  KK 254 Breakaway Header, Right-Angle with Friction Lock, 17 Circuits, 0.38m
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0022281171 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0022281171_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0022281171_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Lead-freeProcess Capability
WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
235
Material Info
Engineering Number
42228-0052
Reference - Drawing Numbers
Product Specification
PS-10-07-001
Sales Drawing
SD-42228-001, SD-42228-001-002
This document was generated on 08/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0022281171_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022281171 MOLEX2-0022281171 Datasheet
321Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 17 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
More results

Similar Description - 0022281171_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022281081 MOLEX1-0022281081_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 8 Circuits, 0.38m
0022281101 MOLEX1-0022281101_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 10 Circuits, 0.38m
0022281141 MOLEX1-0022281141_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 14 Circuits, 0.38m
0022281051 MOLEX1-0022281051_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 5 Circuits, 0.38m
0022281107 MOLEX1-0022281107_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 10 Circuits, 0.38m
0022281151 MOLEX1-0022281151_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 15 Circuits, 0.38m
0022281047 MOLEX1-0022281047_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 4 Circuits, 0.38m
0022281131 MOLEX1-0022281131_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 13 Circuits, 0.38m
0022281121 MOLEX1-0022281121_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 12 Circuits, 0.38m
0022281037 MOLEX1-0022281037_17 Datasheet
47Kb / 2P
   KK 254 Breakaway Header, Right-Angle with Friction Lock, 3 Circuits, 0.38m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com