Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-480H-C3500A Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-480H-C3500A
Description  480W Constant Current Mode LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-480H-C3500A Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  HLG-480H-C3500A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-480H-C3500A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-480H-C3500A Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-480H-C3500A Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-480H-C3500A Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-480H-C3500A Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HLG-480H-C3500A Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. HLG-480H-C3500A Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. HLG-480H-C3500A Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BLOCK DIAGRAM
PFC fosc : 45KHz
PWM fosc : 55KHz
DIM+
(B Type)
DIM-
DETECTION
PWM
CIRCUIT
O.L.P.
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
Vo+
Vo-
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
PFC
CONTROL
O.T.P.
480W
Constant Current Mode LED Driver
HLG-480H-C series
File Name:HLG-480H-C-SPEC 2017-01-17
DRIVING METHODS OF LED MODULE
In the constant current region, the highest voltage at the output of the driver
MEAN WELL Environment Adaptive Function allows the driver to detect
depends on the configuration of the end systems.
and automatically adjust the output up to 120% Vo with 80% Io and turns
Should there be any compatibility issues, please contact MEAN WELL.
into the desired Constant Current area after the luminaire reaches steady
state operation.
Should there be any questions, please contact MEAN WELL.
Typical LED driver I-V curve
100
50
50
100
Vo(%)
Constant
Current area
80
120
(120% Vo, 80% Io)
This series works in constant current mode to directly drive the LEDs.


Similar Part No. - HLG-480H-C3500A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-480H-24 MEANWELL-HLG-480H-24 Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H-24A MEANWELL-HLG-480H-24A Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
HLG-480H-24B MEANWELL-HLG-480H-24B Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
HLG-480H-30 MEANWELL-HLG-480H-30 Datasheet
326Kb / 13P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
HLG-480H-30A MEANWELL-HLG-480H-30A Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
More results

Similar Description - HLG-480H-C3500A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVG-480 MEANWELL-HVG-480 Datasheet
271Kb / 9P
   480W Constant Voltage Constant Current LED Driver
HLG-480H MEANWELL-HLG-480H_18 Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
HVGC-480 MEANWELL-HVGC-480 Datasheet
306Kb / 11P
   480W Constant Power Mode LED Driver
HLG-320H-C MEANWELL-HLG-320H-C Datasheet
3Mb / 9P
   320W Constant Current Mode LED Driver
IDLC-25 MEANWELL-IDLC-25 Datasheet
264Kb / 6P
   25W Constant Current Mode LED Driver
IDLC-65 MEANWELL-IDLC-65 Datasheet
200Kb / 6P
   65W Constant Current Mode LED Driver
IDPC-65 MEANWELL-IDPC-65 Datasheet
220Kb / 6P
   65W Constant Current Mode LED Driver
LPF-16D MEANWELL-LPF-16D Datasheet
567Kb / 8P
   16W Constant Current Mode LED Driver
XLG-20 MEANWELL-XLG-20 Datasheet
626Kb / 6P
   21W Constant Current Mode LED Driver
2022-08-08
IDLC-45 MEANWELL-IDLC-45 Datasheet
576Kb / 6P
   45W Constant Current Mode LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com