Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENP-360-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # ENP-360-12
Description  360W Level VIDesktop Type Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ENP-360-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  ENP-360-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ENP-360-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ENP-360-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ENP-360-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION
360W Level
Desktop Type Power Supply
ENP-360 series
ENP-360-24
ENP-360-48
ENP-360-12
MODEL
DC VOLTAGE
RATED CURRENT
RIPPLE & NOISE (max.) Note.3
OUTPUT
VOLTAGE ADJ. RANGE
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
Note.6
SETUP, RISE TIME
Note.7
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.8
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
NO LOAD POWER CONSUMPTION
OVER TEMPERATURE
SAFETY STANDARDS
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
SHORT CIRCUIT
OVER VOLTAGE
PROTECTION
27.6V
55.2V
13.8V
13A
6.5A
26A
150mVp-p
350mVp-p
150mVp-p
11.5 ~ 15V
23.5 ~ 30V
47.5 ~ 58.8V
±1.0%
±1.0%
±1.0%
±0.5%
±0.5%
±0.5%
±1.0%
±0.5%
±2.0%
1000ms, 100ms at full load
20ms at full load
90 ~ 264VAC
127 ~ 370VDC
47 ~ 63Hz
PF>0.98/115VAC, PF>0.95/230VAC at full load
93%
94%
91%
COLD START 60A at 230VAC
<3.5mA / 240VAC
<0.5W
Normally works within 110 ~ 125% rated output power for more than 3 seconds and switches to constant current limiting, with
auto-recovery after the peak load condition is removed
Protection type : Constant current limiting, recovers automatically after fault condition is removed
31 ~ 36.5V
62.1 ~ 72.9V
15.5 ~ 18.2V
Constant current limiting, if >125% rated power, with auto-recovery after the overload condition is removed
Protection type : Shut down o/p voltage, re-power on to recover
Shut down O/P voltage, recovers automatically after temperature goes down
IEC60950-1, UL60950-1 approved
I/P-O/P:3KVAC
I/P-FG:2KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
-30 ~ +70
(Refer to "Derating Curve")
20 ~ 95% RH non-condensing
-40 ~ +85
, 10 ~ 95% RH non-condensing
±℃
0.05%/
(0 ~ 50
)
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
147.5K hrs min.
MIL-HDBK-217F (25
)
192*178*45.5mm (L*W*H)
1.5Kg; 10pcs/16Kg /1.34CUFT
3.8A/115VAC
1.9A/230VAC
AC CURRENT (Typ.)
16.3A
8.2A
32.6A
359W
450W
359W
453W
359W
450W
0 ~ 13A
0 ~ 6.5A
0 ~ 26A
CURRENT
WATTAGE
PEAK
Note.2
PEAK
Note.2
RATED
RATED
SAFETY &
EMC
(Note 9)
EMC IMMUNITY
EMC EMISSION
Parameter
Parameter
ESD
Radiated
EFT / Burst
Surge
Conducted
Magnetic Field
Voltage Dips and Interruptions
Conducted
Radiated
Harmonic Current
Voltage Flicker
EN55024
Standard
Standard
EN55032 (CISPR32) / FCC PART15 (CISPR22)
EN55032 (CISPR32) / FCC PART15 (CISPR22)
EN61000-3-2
EN61000-3-3
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
Test Level / Note
Test Level / Note
Level 3, 8KV air ; Level 2, 4KV contact
Level 2, 3V/m
Level 2, 1KV
Level 2, 1KV/Line-Line,Level 3, 2KV/Line-Earth
Level 2, 3Vrms
Level 1, 1A/m
>95% dip 0.5 periods, 30% dip 25 periods,
>95% interruptions 250 periods
Class B
Class B
-----
-----
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Peak current or peak power up to 3 seconds is provided.
3. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
4. Tolerance : includes set up tolerance, line regulation and load regulation.
5. Line regulation is measured from low line to high line at rated load.
6. Load regulation is measured from 0% to 100% rated load.
7. Length of set up time is measured at cold first start. Turning ON/OFF the power supply very quickly may lead to increase of the set up time.
8. Derating may be needed under low input voltages. Please check the derating curve for more details.
9. The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
File Name:ENP-360-SPEC 2017-05-22


Similar Part No. - ENP-360-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ENP-0800 ETC2-ENP-0800 Datasheet
144Kb / 11P
   Specification describes the requirements of 125/150/160Watts switching Power supply
logo
Mean Well Enterprises C...
ENP-120 MEANWELL-ENP-120 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-120-12 MEANWELL-ENP-120-12 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-120-24 MEANWELL-ENP-120-24 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-120-48 MEANWELL-ENP-120-48 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
More results

Similar Description - ENP-360-12

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPR-360-XS TOPPOWER-TPR-360-XS Datasheet
1Mb / 6P
   360W AC-DC DIN RAIL Power Supply
logo
GAPTEC Electronic GmbH ...
360ACMOP GAPTEC-360ACMOP Datasheet
1Mb / 4P
   360W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
logo
Mean Well Enterprises C...
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
   240W Level Desktop Type Power Supply
ENP-120 MEANWELL-ENP-120 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
   180W Level Desktop Type Power Supply
ENC-360 MEANWELL-ENC-360 Datasheet
102Kb / 5P
   360W Programmable Desktop Type Battery Charger
logo
Delta Electronics, Inc.
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
logo
Tumbler Technologies + ...
TW360 TRUMPOWER-TW360 Datasheet
1Mb / 4P
   360W ITE Grade AC/DC Power Supplies
TWM360 TRUMPOWER-TWM360 Datasheet
1Mb / 4P
   360W Medical Grade AC/DC Power Supplies
logo
Linear Technology
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com