Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENP-360 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ENP-360
Description  360W Level VIDesktop Type Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ENP-360 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ENP-360 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ENP-360 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ENP-360 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ENP-360 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Universal AC input / Full range
Built-in active PFC function
Energy efficiency Level
No load power consumption <0.5W
Comply with EISA 2007/DoE, NRCan and EU ErP
125% peak load capability
Fanless design, cooling by free air convection
Protection: Short circuit / Overload / Over voltage /
Over temperature
3 years warranty
■ Features
■ Applications
■ Model Encoding
■ Description
Nominal voltage
Series name
ENP
-
- 360 24
Rated wattage
360W Level
Desktop Type Power Supply
ENP-360 series
File Name:ENP-360-SPEC 2017-05-22
Land mobile radio system
Surveillance system
TV antenna facility
UL60950-1
IEC60950-1
ENP-360 series is a 360W desktop type power supply working perfectly for communication related
applications. Observing the standard 7” width size in the land mobile radio field, it provides the most
frequently used voltage in the communication field. With the rugged mechanical design along with the
high efficiency circuitry, it operates for the ambient temperature range -30 ~+70 under free air convection.
℃℃


Similar Part No. - ENP-360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ENP-0800 ETC2-ENP-0800 Datasheet
144Kb / 11P
   Specification describes the requirements of 125/150/160Watts switching Power supply
logo
Mean Well Enterprises C...
ENP-120 MEANWELL-ENP-120 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-120-12 MEANWELL-ENP-120-12 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-120-24 MEANWELL-ENP-120-24 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-120-48 MEANWELL-ENP-120-48 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
More results

Similar Description - ENP-360

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPR-360-XS TOPPOWER-TPR-360-XS Datasheet
1Mb / 6P
   360W AC-DC DIN RAIL Power Supply
logo
GAPTEC Electronic GmbH ...
360ACMOP GAPTEC-360ACMOP Datasheet
1Mb / 4P
   360W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
logo
Mean Well Enterprises C...
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
   240W Level Desktop Type Power Supply
ENP-120 MEANWELL-ENP-120 Datasheet
101Kb / 4P
   120W Level ?쩊esktop Type Power Supply
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
   180W Level Desktop Type Power Supply
ENC-360 MEANWELL-ENC-360 Datasheet
102Kb / 5P
   360W Programmable Desktop Type Battery Charger
logo
Delta Electronics, Inc.
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
logo
Tumbler Technologies + ...
TW360 TRUMPOWER-TW360 Datasheet
1Mb / 4P
   360W ITE Grade AC/DC Power Supplies
TWM360 TRUMPOWER-TWM360 Datasheet
1Mb / 4P
   360W Medical Grade AC/DC Power Supplies
logo
Linear Technology
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com