Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM89-1CIMM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM89-1CIMM
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM89-1CIMM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM89-1CIMM Datasheet HTML 4Page - National Semiconductor (TI) LM89-1CIMM Datasheet HTML 5Page - National Semiconductor (TI) LM89-1CIMM Datasheet HTML 6Page - National Semiconductor (TI) LM89-1CIMM Datasheet HTML 7Page - National Semiconductor (TI) LM89-1CIMM Datasheet HTML 8Page - National Semiconductor (TI) LM89-1CIMM Datasheet HTML 9Page - National Semiconductor (TI) LM89-1CIMM Datasheet HTML 10Page - National Semiconductor (TI) LM89-1CIMM Datasheet HTML 11Page - National Semiconductor (TI) LM89-1CIMM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1.0 Functional Description (Continued)
1.2.2 ALERT Output as an Interrupt
The LM89’s ALERT output can be implemented as a simple
interrupt signal when it is used to trigger an interrupt service
routine. In such systems it is undesirable for the interrupt flag
to repeatedly trigger during or before the interrupt service
routine has been completed. Under this method of operation,
during a read of the STATUS REGISTER the LM89 will set
the ALERT mask bit (D7 of the Configuration register) if any
bit in the STATUS REGISTER is set, with the exception of
Busy (D7) and OPEN (D2). This prevents further ALERT
triggering until the master has reset the ALERT mask bit, at
the end of the interrupt service routine. The STATUS REG-
ISTER bits are cleared only upon a read command from the
master (see Figure 4) and will be re-asserted at the end of
the next conversion if the triggering condition(s) persist(s). In
order for the ALERT to be used as a dedicated interrupt
signal, bit D0 (the ALERT configure bit) in the FILTER and
ALERT CONFIGURE REGISTER (xBF) must be set low.
This is the power-on-default state.
The following sequence describes the response of a system
that uses the ALERT output pin as a interrupt flag:
1.
Master Senses ALERT low
2.
Master reads the LM89 STATUS REGISTER to deter-
mine what caused the ALERT
3.
LM89 clears STATUS REGISTER, resets the ALERT
HIGH and sets the ALERT mask bit (D7 in the Configu-
ration register).
4.
Master attends to conditions that caused the ALERT to
be triggered. The fan is started, setpoint limits are ad-
justed, etc.
5.
Master resets the ALERT mask (D7 in the Configuration
register).
1.2.3 ALERT Output as an SMBus ALERT
When the ALERT output is connected to one or more ALERT
outputs of other SMBus compatible devices and to a master,
an SMBus alert line is created. Under this implementation,
the LM89’s ALERT should be operated using the ARA (Alert
Response Address) protocol. The SMBus 2.0 ARA protocol,
defined in the SMBus specification 2.0, is a procedure de-
signed to assist the master in resolving which part generated
an interrupt and service that interrupt while impeding system
operation as little as possible.
The SMBus alert line is connected to the open-drain ports of
all devices on the bus thereby AND’ing them together. The
ARA is a method by which with one command the SMBus
master may identify which part is pulling the SMBus alert line
LOW and prevent it from pulling it LOW again for the same
triggering condition. When an ARA command is received by
all devices on the bus, the devices pulling the SMBus alert
line LOW, first, send their address to the master and second,
release the SMBus alert line after recognizing a successful
transmission of their address.
The SMBus 1.1 and 2.0 specification state that in response
to an ARA (Alert Response Address) “after acknowledging
the slave address the device must disengage its SMBALERT
pulldown”. Furthermore, “if the host still sees SMBALERT
low when the message transfer is complete, it knows to read
the ARA again”. This SMBus “disengaging of SMBALERT”
requirement prevents locking up the SMBus alert line. Com-
petitive parts may address this “disengaging of SMBALERT”
requirement differently than the LM89 or not at all. SMBus
systems that implement the ARA protocol as suggested for
the LM89 will be fully compatible with all competitive parts.
The LM89 fulfills “disengaging of SMBALERT” by setting the
ALERT mask bit (bit D7 in the Configuration register, at
address 09h) after successfully sending out its address in
response to an ARA and releasing the ALERT output pin.
Once the ALERT mask bit is activated, the ALERT output pin
will be disabled until enabled by software. In order to enable
the ALERT the master must read the STATUS REGISTER,
at address 02h, during the interrupt service routine and then
reset the ALERT mask bit in the Configuration register to 0 at
the end of the interrupt service routine.
The following sequence describes the ARA response proto-
col.
20041531
FIGURE 3. ALERT Comparator Temperature Response
Diagram
20041528
FIGURE 4. ALERT Output as an Interrupt Temperature
Response Diagram
www.national.com
8


Similar Part No. - LM89-1CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM89-1CIMM/NOPB TI-LM89-1CIMM/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM89-1CIMMX/NOPB TI-LM89-1CIMMX/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
More results

Similar Description - LM89-1CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM86 NSC-LM86 Datasheet
414Kb / 21P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
[Old version datasheet]   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
[Old version datasheet]   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
[Old version datasheet]   Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82 Datasheet
341Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM82 TI-LM82_15 Datasheet
713Kb / 25P
[Old version datasheet]   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM90 NSC-LM90 Datasheet
384Kb / 20P
   3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM99 NSC-LM99 Datasheet
349Kb / 20P
   짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com