Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ENC-240 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part No. ENC-240
Description  240W Programmable Desktop Type Battery Charger
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 5 page
background image
Mechanical Specification
Case No. 252
Unit:mm
File Name:ENC-240-SPEC 2017-02-13
ENC-240 series
240W Programmable Desktop Type Battery Charger
INLET
SWITCH
47.5
192
2 M3 L=5
-
45.5
4.3
LED
Connector Pin No. Assignment (CN31) :
Pin No.
1
2
3
4
5
6
Assignment
Prog- +3.3V
Prog- GND
Prog- RX
Prog- TX
RTH-
RTH+
Mating Housing
or equivalent
Terminal
or equivalent
HRS DF11-6DP-2DS or equivalent
HRS DF11-6DS
HRS DF11-**SC
DIP SW:
12
OFF
OFF
ON
OFF
OFF
ON
ON
ON
Description
Default, programmable
Pre-defined, Gel battery
Pre-defined, flooded battery
Pre-defined, AGM battery
CN31
CN31
DIP
SW
12
1
2
5
6
TB1
1
2
3
4
Terminal Pin No. Assignment (TB1):
Pin No.
1,2
3,4
Assignment
+V
-V




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl