Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ENC-240 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part No. ENC-240
Description  240W Programmable Desktop Type Battery Charger
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 4 page
background image
File Name:ENC-240-SPEC 2017-02-13
ENC-240 series
Function Manual
240W Programmable Desktop Type Battery Charger
Embedded 3 stage charging curve
MODEL
12V
24V
48V
Vboost
CC(default)
16A
8A
4A
14.4
28.8
57.6
14
28
56
14.2
28.4
56.8
14.5
29
58
Vfloat
13.8
27.6
55.2
13.6
27.2
54.4
13.4
26.8
53.6
13.5
27
54
Description
Default, programmable
Default, programmable
Default, programmable
Pre-defined, gel batter
Pre-defined, gel battery
Pre-defined, gel battery
Pre-defined, flooded battery
Pre-defined, flooded battery
Pre-defined, flooded battery
Pre-defined, AGM battery
Pre-defined, AGM battery
Pre-defined, AGM battery
◎ Suitable for lead-acid batteries (flooded, Gel and AGM) and Li-ion batteries (lithium iron and lithium manganese).
◎ Default 3 stage charging curve
1.Charging Curve
※ This series provides a 3 stage charging. The default curve is programmable, whereas other pre-defined curves can be
※ To accommodate the parameters of the charging curve, SBP-001, the smart battery charging programmer designed by
MEAN WELL, and a personal computer are needed. Please contact MEAN WELL for details.
activated by the means of the DIP switch; please refer to the table below and the Mechanical Specification.
Charge Current
Constant Current
stage 1
stage 2
stage 3
Constant Voltage
Float
Start
Charge Voltage
100% CC
10% CC
boost
float
V
V
Orange
Green
Color of LED
Status Indicator
2. Front Panel LED Indicators & Corresponding Signal at Function Pins
LED
Green
Orange
Float (stage 3)
Charging (stage 1 or stage 2)
Description




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl