Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ENC-240 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part No. ENC-240
Description  240W Programmable Desktop Type Battery Charger
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

   
 3 page
background image
File Name:ENC-240-SPEC 2017-02-13
Block Diagram
ENC-240 series
240W Programmable Desktop Type Battery Charger
-30
0
20
10
30
40
20
40
80
60
100
60
50
70 (HORIZONTAL)
90
100
115
120
140
160
180
190
200
220
240
264
100
90
80
70
60
50
40
INPUT VOLTAGE (V) 60Hz
Static Characteristics
AMBIENT TEMPERATURE (
)
Derating Curve
DETECTION
CIRCUIT
O.L.P.
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.C.P.
PFC
CIRCUIT
PFC
CONTROL
PROTECTION
REVERSE
POLARITY
PWM




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl