Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRX-1500 Datasheet(PDF) 1 Page - PIC GmbH

Part # PRX-1500
Description  Ultraminiature Reed Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

PRX-1500 Datasheet(HTML) 1 Page - PIC GmbH

  PRX-1500 Datasheet HTML 1Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SW T
IC H I N G T HE S M A R T WAY
PRX+1500
Contact rating max.
1
Switching current max.
0.05
Operating temperature
-40
PRX+1500
Carry current max.
Switching voltage max.
Breakdown voltage min.
Total resistance max. (initial)
Ultraminiature Reed Sensor
Environmental Characteristics
Contact form
A
30
30
1
200
1000
VDC
VAC
W / VA
A
A
VDC
m
125
to +
°C
Insulation resistance min.
11
Switching frequency max.
700
Resonant frequency typ.
10000
Operate time max. (incl. bounce)
0.2
Release time max.
0.1
Vibration (50-2000 Hz)
15
Shock (1/2 sin 11 ms)
75
10
Drop out min.
3
Pull in range available
Test coil
Magnetical Characteristics (of unmodified Reed Switch)
10 - 25
091
AT
AT
Test equipment tolerance
1
TC -
± AT
Hz
Hz
ms
ms
g
g
Remarks
When mounted onto ferromagnetic parts
switching distance of
may reduce.
Electromagnetical influences and magnetic
fields may change the switching behaviour
of the sensor.
PRX+1500
@ 25 °C
Features
Approvals
Packing Unit
200
Weight per piece
0.52
Weight per package
120
Ordering Example
PRX+1500-2 describes
PRX+1500 with 15 to 20 AT.
g
g
pcs
Standard AT Ranges
Dimensions in mm
Electrical Characteristics
@ 25 °C
Operating Characteristics (of unmodified Reed Switch)
@ 25 °C
Ordering Information
Material Information
High temperature resistance
Not ESD sensitive
Various sensitivity ranges available
Customized types available
10
15
to
AT
1=
15
20
to
AT
2=
20
25
to
AT
3=
Material
Colour
Cable
Teflon, AWG 28, 7 mm stripped and tinned
blue / yellow
Potting compound
Epoxy
black
Housing
HTM
black
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Phone
+49 911 99 59 06-0
Fax
+49 911 99 59 06-99
Rev.:
1.6
prx1500_ds_e_1.6
Page 1 of 1
Nibelungenstr. 5 A
90530 Wendelstein, Germany
info@pic-gmbh.com
www.pic-gmbh.com


Similar Part No. - PRX-1500

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PRX-2131 PIC-PRX-2131 Datasheet
108Kb / 2P
   Minimum height above PCB
PRX-2463 PIC-PRX-2463 Datasheet
111Kb / 2P
   Ultra miniature size
More results

Similar Description - PRX-1500

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PRX+1500 PIC-PRX+1500 Datasheet
22Kb / 1P
   Ultraminiature Reed Sensor
MS-208-3 PIC-MS-208-3 Datasheet
110Kb / 2P
   Ultraminiature Reed Sensor
MS-209-3 PIC-MS-209-3 Datasheet
147Kb / 2P
   Ultraminiature Reed Sensor
MS-211-3 PIC-MS-211-3 Datasheet
203Kb / 2P
   Ultraminiature Reed Sensor
MS-210-3 PIC-MS-210-3 Datasheet
206Kb / 2P
   Ultraminiature Reed Sensor
logo
DB Lectro Inc
6D-1A10D0 DBLECTRO-6D-1A10D0 Datasheet
1Mb / 2P
   ULTRAMINIATURE REED RELAYS
logo
PIC GmbH
PRX+2452 PIC-PRX+2452 Datasheet
22Kb / 1P
   Ultraminiature SMD Reed Switch
PRX+2100 PIC-PRX+2100 Datasheet
23Kb / 1P
   Ultraminiature SMD Reed Switch
logo
Meder Electronic
MK0201B901000W MEDER-MK0201B901000W Datasheet
206Kb / 2P
   Reed sensor
MK0211A661700W MEDER-MK0211A661700W Datasheet
189Kb / 2P
   Reed sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com