Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PMC-2021Z Datasheet(PDF) 2 Page - PIC GmbH

Part No. PMC-2021Z
Description  High Power SMD-Reed
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIC [PIC GmbH]
Homepage  http://www.pic-gmbh.com
Logo 

   
 2 page
background image
S W T
I C H I N G T HE S M A R T WAY
PMC-2021Z
PMC-2021Z
High Power SMD-Reed
Switch
Recommended PCB Layout in mm
Soldering Information
Tape Dimensions in mm
Recommended Mounting Force
3
Maximum Mounting Force
10
N
N
PMC-2021Z
When placed onto ferromagnetic parts
switching distance of
may reduce.
Electromagnetical influences and magnetic
fields may change the switching behaviour
of the SMD Reed Switch.
Remarks
Tolerance ±0.1 unless otherwise specified
Mounting Force
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
Rev.:
1.3
pmc2021z_ds_e_1.3
info@pic-gmbh.com
www.pic-gmbh.com
Nibelungenstr. 5 A
90530 Wendelstein, Germany
Page 2 of 2




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl