Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-1401F Datasheet(PDF) 1 Page - PIC GmbH

Part # PMC-1401F
Description  Standard SMD Reed Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

PMC-1401F Datasheet(HTML) 1 Page - PIC GmbH

  PMC-1401F Datasheet HTML 1Page - PIC GmbH PMC-1401F Datasheet HTML 2Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S W T
I C H I N G T HE S M A R T WAY
PMC-1401F
Contact rating max.
10
Switching current max.
1
Drop out min.
4
Operate time max. (incl. bounce)
1
Release time max.
0.4
Switching frequency max.
500
Resonant frequency typ.
4000
Vibration
20
Shock
100
Operating temperature
-60
Insulation resistance min.
10
PMC-1401F
Carry current max.
Switching voltage max.
Breakdown voltage min.
Contact resistance max. (initial)
Pull in range available
Test coil
Standard SMD Reed Switch
Magnetical Characteristics (of unmodified Reed Switch)
Operating Characteristics
Environmental Characteristics
Contact form
A
10
200
140
1.2
240
150
VDC
VAC
W / VA
A
A
VDC
mΩ
10 - 25
014
AT
AT
Contact material
Ru
Test equipment tolerance
2
125
to +
ms
ms
Hz
Hz
TC
± AT
°C
g
g
@ 25 °C
@ 25 °C
Packing Unit
2500
Weight per piece
0.1
Weight per package
1200
g
g
pcs
Standard AT ranges
Features
Dimensions in mm
Approvals
Ordering example
PMC1401F1015 describes PMC-1401F with 10-15
AT.
(50-2000 Hz)
(1/2 sin 11 ms)
Reel size
13 inches
Storage temperature
-60
60
Soldering temperature max.
300
Lead tensile strength min.
4
°C
°C
kg
to +
Electrical Characteristics
@ 25 °C
Ordering Information
Position of contact blades not defined.
10
15
to
AT
15
20
to
AT
20
25
to
AT
Small size
Zero power consumption
Over 1 billion reliable operations at
dry circuits or low level loads
Not ESD sensitive
Suitable for automated assembly
Replaces various competitors types
Tape & reel packaging
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
Rev.:
1.2
pmc1401f_e_1.2
info@pic-gmbh.com
www.pic-gmbh.com
Nibelungenstr. 5 A
90530 Wendelstein, Germany
Page 1 of 2


Similar Part No. - PMC-1401F

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-1401FH PIC-PMC-1401FH Datasheet
146Kb / 2P
   Standard SMD Reed Switch
More results

Similar Description - PMC-1401F

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-1401Z PIC-PMC-1401Z Datasheet
159Kb / 2P
   Standard SMD Reed Switch
PMC-1001ZHL PIC-PMC-1001ZHL Datasheet
150Kb / 2P
   Standard SMD Reed Switch
PMC-1001FH PIC-PMC-1001FH Datasheet
145Kb / 2P
   Standard SMD Reed Switch
PMC-1401FH PIC-PMC-1401FH Datasheet
146Kb / 2P
   Standard SMD Reed Switch
PMC-1001F PIC-PMC-1001F Datasheet
156Kb / 2P
   Standard SMD Reed Switch
PMC-1001Z PIC-PMC-1001Z Datasheet
158Kb / 2P
   Standard SMD Reed Switch
PMC-1402S PIC-PMC-1402S Datasheet
399Kb / 2P
   Standard SMD Reed Switch
PMC-1401T PIC-PMC-1401T Datasheet
291Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1506 PIC-PMC-1506 Datasheet
26Kb / 1P
   Standard Reed Switch
PMC-1001 PIC-PMC-1001 Datasheet
34Kb / 1P
   Standard Reed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com