Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HS-324R-03-0300 Datasheet(PDF) 3 Page - PIC GmbH

Part No. HS-324R-03-0300
Description  Flatpack Hall Effect Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIC [PIC GmbH]
Homepage  http://www.pic-gmbh.com
Logo 

   
 3 page
background image
HS-324R-03-0300
Unipolar 3 - Wire
Flatpack Hall Effect Sensor
HS-324-03-0300
HS-324-03-0300
Page
of 3
Rev. 1.3, 11.02.2016, (006, 009, 008)
hs324r_03_0300_ds_e_1.3
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
info@pic-gmbh.com
pic-gmbh.com
Magnetic Approach (for example)
Magnetic Approach (for example)
Magnetic Characteristics Overview
Magnetic Characteristics Overview
Magnetic Characteristics
Magnetic Characteristics
3
Symbol
Parameter
wire colour
Min.
Typ.
Max.
Unit
Conditions
BONth
ON threshold range 1)
-
- 30
30
mT
BOOth
OFF threshold range 1)
-
- 30
30
mT
Bth
Adjustable step size 2)
-0.5
mT
TC
Temperatur compensation of
-
0
- 3000
ppm/K
magnetic thresholds 3)
1) Avaible range
2) Small steps at small values, bigger steps at higher values. May not be undercut
3) Different temperature compensation avaible on request
Switching Type
Temp. koeff. of
On point B
ON
Off point B
OFF
Hysteresis BHYS 1)
magnetic thresh.
[mT]
[mT]
[mT]
TC [ppm/K]
Min.
Typ.
Max.
Min.
Typ. Max.
Min.
Typ.
Max.
unipolar
-1000
tbd.
5.5
tbd.
tbd.
3.5
tbd.
-
2.0
-
AB
C
D
E
F
1) The hysteresis is the difference between the switching points BHYS = BON -BOFF
Sensor center point
*
N
Bon
B < Boff
D
AB
C
F
E
turning




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl