Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HS-324R-03-0300 Datasheet(PDF) 2 Page - PIC GmbH

Part No. HS-324R-03-0300
Description  Flatpack Hall Effect Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIC [PIC GmbH]
Homepage  http://www.pic-gmbh.com
Logo 

   
 2 page
background image
HS-324R-03-0300
Unipolar 3 - Wire
Flatpack Hall Effect Sensor
HS-324-03-0300
HS-324-03-0300
Page
of 3
Rev. 1.3, 11.02.2016, (006, 009, 008)
hs324r_03_0300_ds_e_1.3
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
info@pic-gmbh.com
pic-gmbh.com
Characteristics
Recommended Operating Conditions
2
At recommended operation conditions if not otherwise specified in the column
"Conditions".
Typical characteristics for TJ = 25 °C and VSUP = 12 V
Symbol
Parameter
wire colour
Min.
Typ.
Max.
Unit
Conditions
Supply
ISUP
Supply current
red
1.6
2.4
mA
ISUPhi
Reverse current
1mA
for VSUP = - 18 V
Output
VoI
Port low output voltage
white
0.13
0.4
V
Io = 20 mA
0.5
V
Io = 25 mA
tf
Output fall time1)
1µs
1) VSUP = 12 V;
tf
Output rise time
1
µs
RL = 820; CL = 20 pF
td
Delay time 1)
16
µs
tsamp
Output refresh period
1.6
2
2.66
µs
ten
Enable time of output after settling of VSUP
50
µs
VSUP = 12 V
B > Bon + 2 mT or B < Boff -2 mT
Power-on-self-test
Self test can be triggered externally; details on request
1) Guaranteed by design
Symbol
Parameter
wire colour
Min.
Max.
Unit
Conditions
VSUP
Supply voltage
red
2.7
24
V
VOUT
Output voltage
white
24
V
IOUT
Output current
white
25
mA




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl