Electronic Components Datasheet Search |
|
FA14X7R1H224KNU06 Datasheet(PDF) 1 Page - TDK Electronics |
|
FA14X7R1H224KNU06 Datasheet(HTML) 1 Page - TDK Electronics |
1 / 2 page MLCC with Dipped Radial Lead 1 of 2 Creation Date : August 31, 2017 (GMT) FA14X7R1H224KNU06 Applications Automotive Grade Feature General General (Up to 50V) Halogen-free Halogen-free AEC-Q200 AEC-Q200 Series FA Status Production Size Length(L) 4.50mm Max. Width(W) 5.50mm Max. Thickness(T) 3.00mm Max. Lead Gap(F) 2.50mm +0.50,-0.20mm Lead Diameter(d) 0.50mm +0.10,-0.03mm Electrical Characteristics Capacitance 220nF ±10% Rated Voltage 50VDC Withstanding Voltage 125VDC Temperature Characteristic X7R(±15%) Dissipation Factor (Max.) 3% Insulation Resistance (Min.) 2272MΩ Other Soldering Method Wave (Flow) Iron Soldering Lead Length / Package Type Taping AEC-Q200 Yes Package Quantity 2000pcs ! Images are for reference only and show exemplary products. ! This PDF document was created based on the data listed on the TDK Corporation website. ! All specifications are subject to change without notice. Copyright(c) TDK Corporation. All rights reserved. |
Similar Part No. - FA14X7R1H224KNU06 |
|
Similar Description - FA14X7R1H224KNU06 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |