Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9650USVZ-105EP Datasheet(PDF) 1 Page - Analog Devices

Part # AD9650USVZ-105EP
Description  Dual 16-Bit, 105 MSPS, 1.8 V Analog-to-Digital Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650USVZ-105EP Datasheet(HTML) 1 Page - Analog Devices

  AD9650USVZ-105EP Datasheet HTML 1Page - Analog Devices AD9650USVZ-105EP Datasheet HTML 2Page - Analog Devices AD9650USVZ-105EP Datasheet HTML 3Page - Analog Devices AD9650USVZ-105EP Datasheet HTML 4Page - Analog Devices AD9650USVZ-105EP Datasheet HTML 5Page - Analog Devices AD9650USVZ-105EP Datasheet HTML 6Page - Analog Devices AD9650USVZ-105EP Datasheet HTML 7Page - Analog Devices AD9650USVZ-105EP Datasheet HTML 8Page - Analog Devices AD9650USVZ-105EP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Dual 16-Bit, 105 MSPS, 1.8 V
Analog-to-Digital Converter
Data Sheet
AD9650-EP
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual 16-bit ADC in enhanced package for extended
temperature range of −55°C to +85°C
1.8 V analog supply operation
LVDS output
SNR: 80.5 dBFS at 30 MHz input and 105 MSPS data rate
SFDR: 93 dBc at 30 MHz input and 105 MSPS data rate
Low power: 328 mW per channel at 105 MSPS
Integer 1-to-8 input clock divider
IF sampling frequencies up to 300 MHz
Analog input range of 2.7 V p-p
Optional on-chip dither
Integrated ADC sample-and-hold inputs
Differential analog inputs with 500 MHz bandwidth
ADC clock duty cycle stabilizer (DCS)
APPLICATIONS
Radar
Electronic warfare (EW) systems
Joint tactical radio system (JTRS) and other COMSEC
Industrial instrumentation
X-ray, MRI, and ultrasound equipment
High speed pulse acquisition
Chemical and spectrum analysis
General-purpose software radios
FUNCTIONAL BLOCK DIAGRAM
CMOS/LVDS
OUTPUT BUFFER
CMOS/LVDS
OUTPUT BUFFER
ADC
DRVDD
CSB
AVDD
SPI
SDIO/
DCS
SCLK/
DFS
PROGRAMMING DATA
DUTY CYCLE
STABILIZER
DIVIDE 1
TO 8
DCO
GENERATION
REF
SELECT
MULTICHIP
SYNC
SYNC
AGND
NOTES
1. PIN NAMES ARE FOR THE LVDS PIN CONFIGURATION ONLY.
PDWN
OEB
DCO–
DCO+
D15+ (MSB)
TO
D0+ (LSB)
D15– (MSB)
TO
D0– (LSB)
OR+
CLK–
CLK+
OR–
VIN+A
VCM
RBIAS
VIN–B
VIN+B
VIN–A
VREF
SENSE
AD9650-EP
ADC
16
16
Figure 1.
GENERAL DESCRIPTION
The AD9650-EP is a dual 16-bit, 105 MSPS analog-to-digital
converter (ADC) designed for digitizing high frequency, wide
dynamic range signals with input frequencies of up to 300 MHz.
The dual ADC core features a multistage differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth, differential sample-and-hold analog
input amplifiers, and a shared integrated voltage reference, which
eases design considerations. A duty cycle stabilizer (DCS) is pro-
vided to compensate for variations in the ADC clock duty cycle,
allowing the converters to maintain excellent performance.
The ADC output data can be routed directly to the two external
16-bit output ports or multiplexed on a single 16-bit bus. These
outputs can be set to either 1.8 V CMOS or LVDS.
Flexible power-down options allow significant power savings,
when desired. Programming for setup and control is accomplished
using a 3-wire, SPI-compatible serial interface.
The AD9650-EP is available in an 80-lead TQFP and is specified
over the extended temperature range of −55°C to +85°C.
Additional application and technical information can be found
in the AD9650 data sheet.
PRODUCT HIGHLIGHTS
1. On-chip dither option for improved SFDR performance
with low power analog input.
2. Proprietary differential input that maintains excellent SNR
performance for input frequencies up to 300 MHz.
3. Operation from a single 1.8 V supply with a separate digital
output driver supply that accommodates 1.8 V CMOS or
LVDS outputs.
4. Standard serial port interface (SPI) that supports various
product features and functions such as data formatting
(offset binary, twos complement, or Gray coding), enabling
the clock DCS, power-down, and test modes.
5. 12 mm × 12 mm, 80-lead TQFP with an exposed pad
(7.5 mm × 7.5 mm).


Similar Part No. - AD9650USVZ-105EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9650-105EBZ AD-AD9650-105EBZ Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9650-25EBZ AD-AD9650-25EBZ Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9650-65EBZ AD-AD9650-65EBZ Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9650-80EBZ AD-AD9650-80EBZ Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results

Similar Description - AD9650USVZ-105EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
   11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9628 AD-AD9628_15 Datasheet
1Mb / 42P
   12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9628 AD-AD9628 Datasheet
1,023Kb / 44P
   12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9608 AD-AD9608 Datasheet
1Mb / 40P
   10-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com