Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ZTX450 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part No. ZTX450
Description  Silicon NPN transistor in a TO-92 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Homepage  http://www.fsbrec.com/
Logo 

   
 2 page
background image
ZTX450
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
45
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current - Continuous
IC
1.0
A
Peak Collector Current
ICM
2.0
A
Collector Power Dissipation
PC
1.0
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=-100μA
60
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=10mA
45
V
Emitter to Base Breakdown
Voltage
VEBO
IE=100μA
5.0
V
Collector Cut-Off Current
ICBO
VCB=45V
0.1
μA
Emitter Cut-Off Current
IEBO
VEB=4.0V
0.1
μA
DC Current Gain
hFE(1)
VCE=10V
IC=150mA
100
300
hFE(2)
VCE=10V
IC=1.0A
15
Collector-Emitter Saturation
Voltage
VCE(sat) IC=150mA
IB=15mA
0.25
V
Base -Emitter Saturation Voltage
VBE(sat) IC=150mA
IB=15mA
1.1
V
Transition Frequency
fT
VCE=10V
IC=50mA
f=100MHz
150
MHz
Output Capacitance
Cob
VCB=10V
f=1.0MHz
15
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl