Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


S8050MG Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part No. S8050MG
Description  Silicon NPN transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Homepage  http://www.fsbrec.com/
Logo 

   
 2 page
background image
S8050MG
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
25
V
Emitter to Base Voltage
VEBO
6.0
V
Collector Current
IC
800
mA
Base Current
IB
200
mA
Collector Power Dissipation
PC
450
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=0.1mA  IE=0
40

V
Collector to Emitter Breakdown
Voltage
VCEO
IC=2.0mA  IB=0
25
V
Emitter to Base Breakdown
Voltage
VEBO
IE=0.1mA  IC=0
6.0
V
Collector Cut-Off Current
ICBO
VCB=35V 
IE=0
0.1
μA
Emitter Cut-off Current
IEBO
VEB=6.0V  IC=0
0.1
μA
DC Current Gain
hFE(1)
VCE=1.0V  IC=100mA
85
300
hFE(2)
VCE=1.0V  IC=500mA
40
hFE(3)
VCE=1.0V  IC=5.0mA
45
Collector-Emitter Saturation
Voltage
VCE(sat)
IC=500mA  IB=50mA
0.28
0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=500mA  IB=50mA
0.98
1.2
V
Base-Emitter Voltage
VBE
VCE=1.0V  IC=10mA
0.66
1.0
V
Transition Frequency
fT
VCE=10V 
IC=50mA
100
190
MHz
Collector Output Capacitance
Cob
VCB=10V
IE=0
f=1.0MHz
9.0
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl