Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T90-2700WBBNEXXHL Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # T90-2700WBBNEXXHL
Description  TCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

T90-2700WBBNEXXHL Datasheet(HTML) 3 Page - Advanced Crystal Technology

  T90-2700WBBNEXXHL Datasheet HTML 1Page - Advanced Crystal Technology T90-2700WBBNEXXHL Datasheet HTML 2Page - Advanced Crystal Technology T90-2700WBBNEXXHL Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel
0044(0)118 979 1238
Fax:
0044(0)118 979 1283
email:
info@act crystals.com
ACT SMPT-6 Stratum III HCMOS TCXO
TCXO PART NUMBERING
X
B
F
N
E
X
X
H
-PF
SMPT-6
±0.14 3.3
None
None
Pos
45/55
ppm VDC
°C
HCMOS
%
RoHS
SMPT-6 T90
Stability
TOP °C
v TOP
-10 +60
F
Polarity
±ppm
-20 +70
B
None
X
0.1
X
-40 +85
I
0.3
W
Commodity Code
854370 90 80
Standard
Duty
Cycle
VCC VDC
Frequency
% / %
3.3
B
tuning
H
None
N
Output
HCMOS
E
Tape & Reel
B
Mechanical
L
Tuning ±ppm
None
X
Example
T90 - 2700XBFNEXXHB-PF
27.00MHz
Issue No.
Date:
500
Loose
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY
#REF!
#REF!
For quotations or further information please contact us at:
ISO9001 Registered
B
500
45/55
27.00MHz
2700
-10 +60
T90
Frequency:
Please enquire if the frequency/stability
combination has been developed.
For part numbering use the first 4 characters of
the frequency in Hz i.e. 27MHz = 27000000Hz
so the code used in the part number is 2700. If
the frequency is 100MHz or higher then the
first 5 characters are used.
It is important to suffix the part number
Table 1
Temp'
±0.14
±0.28
-10 +60°C
-20 +70°C
-40 +85°C


Similar Part No. - T90-2700WBBNEXXHL

ManufacturerPart #DatasheetDescription
logo
EPCOS
T90-A170XFSMD EPCOS-T90-A170XFSMD Datasheet
100Kb / 2P
   SURGE ARRESTER 2-electrode arrester
T90-A230X EPCOS-T90-A230X Datasheet
21Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T90-A230XF EPCOS-T90-A230XF Datasheet
24Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T90-A230XFSMD EPCOS-T90-A230XFSMD Datasheet
94Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T90-A230XG EPCOS-T90-A230XG Datasheet
21Kb / 2P
   SURGE ARRESTER 3-electrode arrester
More results

Similar Description - T90-2700WBBNEXXHL

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
   TCXO, VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
IQD Frequency Products ...
LFTCXO075801 IQD-LFTCXO075801 Datasheet
145Kb / 2P
   TCXO
LFTCXO063715 IQD-LFTCXO063715 Datasheet
491Kb / 2P
   TCXO
logo
Vectron International, ...
TX-7040-EAE-2872-12M8 VECTRON-TX-7040-EAE-2872-12M8 Datasheet
143Kb / 5P
   TCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com