Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1648 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE1648
Description  Integrated Circuit Telephone Tone Ringer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1648 Datasheet(HTML) 3 Page - NTE Electronics

  NTE1648 Datasheet HTML 1Page - NTE Electronics NTE1648 Datasheet HTML 2Page - NTE Electronics NTE1648 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High
Freq
OSC
Amp
Power
Supply
with
Hysteresis
Low
Freq
OSC
Output
Input
NOTE: C1, C2, R1, R2
and R3 are external
parts
R1
R2
C1
C2
1
3
4
5
6
7
8
Pin Connection Diagram (NTE1649)
Regulated Initiation Current
2
R3
85
.256 (6.52) Max
.393 (10.0)
Max
14
.300 (7.62)
.300 (7.62)
.150
(3.81)
.070 (1.77) Min
.100 (2.54)


Similar Part No. - NTE1648

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE164 NTE-NTE164 Datasheet
20Kb / 2P
   Silicon NPN Transistor TV Vertical Output
NTE1641 NTE-NTE1641 Datasheet
24Kb / 3P
   Integrated Circuit 1024 Stage BBD for Audio Signal Delays
More results

Similar Description - NTE1648

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
TA31001 UTC-TA31001_10 Datasheet
200Kb / 6P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002_15 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
   TELEPHONE TONE RINGER
31002A UTC-31002A_08 Datasheet
173Kb / 6P
   TELEPHONE TONE RINGER
UTC31002A UTC-UTC31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
UTCTA31002 UTC-UTCTA31002 Datasheet
27Kb / 4P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com