Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC7450 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MPC7450
Description  Freescale Semiconductor, Inc.
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MPC7450 Datasheet HTML 7Page - Motorola, Inc MPC7450 Datasheet HTML 8Page - Motorola, Inc MPC7450 Datasheet HTML 9Page - Motorola, Inc MPC7450 Datasheet HTML 10Page - Motorola, Inc MPC7450 Datasheet HTML 11Page - Motorola, Inc MPC7450 Datasheet HTML 12Page - Motorola, Inc MPC7450 Datasheet HTML 13Page - Motorola, Inc MPC7450 Datasheet HTML 14Page - Motorola, Inc MPC7450 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
11
Electrical and Thermal Characteristics
Figure 2 shows the undershoot and overshoot voltage on the MPC7450.
Figure 2. Overshoot/Undershoot Voltage
The MPC7450 provides several I/O voltages to support both compatibility with existing systems and
migration to future systems. The MPC7450 core voltage must always be provided at nominal 1.6 V (see
Table 4 for actual recommended core voltage). Voltage to the L3 I/Os and processor interface I/Os are
provided through separate sets of supply pins and may be provided at the voltages shown in Table 3. The
input voltage threshold for each bus is selected by sampling the state of the voltage select pins at the negation
of the signal HRESET. The output voltage will swing from GND to the maximum voltage applied to the
OVDD or GVDD power pins.
Table 3. Input Threshold Voltage Setting
BVSEL Signal
Processor Bus Input
Threshold is Relative to:
L3VSEL Signal
L3 Bus Input Threshold is
Relative to:
Notes
0
1.8 V
0
1.8 V
1, 4
¬HRESET
Not Available
¬HRESET
1.5 V
1, 3
HRESET
2.5 V
HRESET
2.5 V
1, 2
1
2.5 V
1
2.5 V
1
Notes:
1. Caution: The input threshold selection must agree with the OVDD/GVDD voltages supplied. See notes in Table 2.
2. To select the 2.5-V threshold option for the processor bus, BVSEL should be tied to HRESET so that the two
signals change state together. Similarly, to select 2.5 V for the L3 bus, tie L3VSEL to HRESET. This is the preferred
method for selecting this mode of operation.
3. Applicable to L3 bus interface only. ¬HRESET is the inverse of HRESET.
4. If used, pulldown resistors should be less than 250
Ω.
VIH
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
OVDD/GVDD + 20%
VIL
OVDD/GVDD
OVDD/GVDD + 5%
of tSYSCLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Similar Part No. - MPC7450

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC7455 FREESCALE-MPC7455 Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
MPC7457 FREESCALE-MPC7457 Datasheet
1Mb / 68P
   RISC Microprocessor Hardware Specifications
MPC7457 FREESCALE-MPC7457 Datasheet
808Kb / 71P
   Microprocessor
logo
NXP Semiconductors
MPC7457 NXP-MPC7457 Datasheet
457Kb / 12P
   MPC7457 Hardware Specification Addendum for the MPC74n7RXnnnnNx Series
Rev. 3, 01/2005
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
   RISC Microprocessor Hardware Specifications
More results

Similar Description - MPC7450

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
   Freescale Semiconductor, Inc.
MC68HC705J1ACPE FREESCALE-MC68HC705J1ACPE Datasheet
1Mb / 162P
   Freescale Semiconductor, Inc.
logo
Motorola, Inc
AN2264 MOTOROLA-AN2264 Datasheet
286Kb / 20P
   Freescale Semiconductor, Inc.
68HC908JB8FS MOTOROLA-68HC908JB8FS Datasheet
226Kb / 2P
   Freescale Semiconductor, Inc.
logo
Freescale Semiconductor...
MC711K4CFNE3 FREESCALE-MC711K4CFNE3 Datasheet
2Mb / 290P
   Freescale Semiconductor, Inc.
logo
Motorola, Inc
MC14600 MOTOROLA-MC14600 Datasheet
250Kb / 8P
   Freescale Semiconductor, Inc.
AN1812 MOTOROLA-AN1812 Datasheet
465Kb / 16P
   Freescale Semiconductor, Inc.
logo
Freescale Semiconductor...
MC68HC16Z1CAG25 FREESCALE-MC68HC16Z1CAG25 Datasheet
5Mb / 500P
   Freescale Semiconductor, Inc.
MC68MH360AI25L FREESCALE-MC68MH360AI25L Datasheet
4Mb / 158P
   Freescale Semiconductor, Inc.
logo
Motorola, Inc
MC68040RC25A MOTOROLA-MC68040RC25A Datasheet
3Mb / 442P
   Freescale Semiconductor, Inc.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com