Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTB10F-12 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # FTB10F-12
Description  1.2A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

FTB10F-12 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  FTB10F-12 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. FTB10F-12 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. FTB10F-12 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. FTB10F-12 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. FTB10F-12 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. FTB10F-12 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FTB10F-12
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
1000
V
Maximum RMS Voltage
VRMS
700
V
Maximum DC Blocking Voltage
VDC
1000
V
Average Rectified Output Current at Tc = 125℃
Io
1.2
A
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
IFSM
40
A
Typical Junction Capacitance
Note1
Cj
30
pF
Typical Thermal Resistance
Note2
RθJA
75
/W
Operating and Storage Temperature Range
Tj,Tstg
-55~150
Note:
1.Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4×1.0" X 1.0" (2.54 X 2.54 cm) copper pad.
参数
Parameter
符号
Symbol
测试条件
Test Conditions
数值
Rating
单位
Unit
Forward Voltage per element
VF
IF=1.2A
1.3
V
Maximum DC Reverse Current at
Maximum DC Blocking Voltage
IR
Ta=25℃
5.0
μA
Ta=125℃
50
μA
Maximum Reverse Recovery Time
trr
IF =0.5A IR=1.0A
Irr=0.25A
200
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - FTB10F-12

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
FTB10F-10 FOSHAN-FTB10F-10 Datasheet
875Kb / 6P
   1.0A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
logo
Dongguan Pingjingsemi T...
FTB10F-10 PJSEMI-FTB10F-10 Datasheet
925Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRI
logo
Foshan Blue Rocket Elec...
FTB10F-15 FOSHAN-FTB10F-15 Datasheet
876Kb / 6P
   1.5A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
logo
Sangdest Microelectroni...
FTB10F-15F SMC-FTB10F-15F Datasheet
161Kb / 5P
   Fast reverse recovery time
FTB10F-15FP SMC-FTB10F-15FP Datasheet
155Kb / 4P
   Designed for Surface Mount Application
More results

Similar Description - FTB10F-12

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
FTB10F-15 FOSHAN-FTB10F-15 Datasheet
876Kb / 6P
   1.5A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
FTB10F-10 FOSHAN-FTB10F-10 Datasheet
875Kb / 6P
   1.0A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
FTB10F-20 FOSHAN-FTB10F-20 Datasheet
870Kb / 6P
   2.0A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
logo
Diodes Incorporated
MSB12M DIODES-MSB12M Datasheet
394Kb / 5P
   1.2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
TB1F-12-ABF YFWDIODE-TB1F-12-ABF Datasheet
419Kb / 3P
   1.2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
ABS1K SKTECHNOLGY-ABS1K Datasheet
289Kb / 3P
   1.2A Surface Moumt Glass Passivated Bridge Rectifier
logo
Foshan Blue Rocket Elec...
ABS201 FOSHAN-ABS201 Datasheet
876Kb / 6P
   2.0A Surface Mount Glass Passivated Bridge Rectifier, ABS/LBF thin package.
MB1F FOSHAN-MB1F Datasheet
875Kb / 6P
   0.8A Surface Mount Glass Passivated Bridge Rectifier竊똌BF thin package
TB1S-15 FOSHAN-TB1S-15 Datasheet
843Kb / 6P
   1.5A Surface Mount Glass Passivated Bridge Rectifier, ABS/LBF thin package.
MB1F-05 FOSHAN-MB1F-05 Datasheet
873Kb / 6P
   0.5A Surface Mount Glass Passivated Bridge Rectifier竊똌BF thin package?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com