Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5009AL5 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5009AL5
Description  Crystal Oscillator Module ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5009AL5 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5009AL5 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5009AL5 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS INC.—4
FUNCTIONAL DESCRIPTION
Standby Function
5009 AL
× series
When INH goes LOW, the oscillator stops and the oscillator output on Q becomes high impedance.
5009AH
×, AK×, AN×, CN× series
When INH goes LOW, the output on Q becomes high impedance, but internally the oscillator does not stop.
Power-save Pull-up Resistance (AL
× series only)
The INH pull-up resistance changes in response to the input level (HIGH or LOW). When INH goes LOW
(standby state), the pull-up resistance becomes large to reduce the current consumption during standby.
Current consumption and Output waveform with NPC’s standard crystal
Version
INH
Q
Oscillator
AL
× series
HIGH (or open)
Any fO , fO/2, fO/4, fO/8, fO/16 or fO/32 output frequency
Normal operation
LOW
High impedance
Stopped
AH
×, AK×, AN×, CN×
series
HIGH (or open)
Any fO , fO/2, fO/4, fO/8, fO/16 or fO/32 output frequency
Normal operation
LOW
High impedance
Normal operation
f [MHz]
R [
Ω]
L [mH]
Ca [fF]
Cb [pF]
30
17.2
4.36
6.46
2.26
40
16.8
2.90
5.47
2.08
L
Ca
R
Cb


Similar Part No. - CF5009AL5

ManufacturerPart #DatasheetDescription
logo
Cvilux Corporation
CF50091D0R0-10-NH CVILUX-CF50091D0R0-10-NH Datasheet
785Kb / 3P
   1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
More results

Similar Description - CF5009AL5

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com