Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13002I5 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MJE13002I5
Description  Silicon NPN transistor in a TO-126(R) Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MJE13002I5 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MJE13002I5 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13002I5 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13002I5 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13002I5 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13002I5 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13002I5 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJE13002I5
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
600
V
Collector to Emitter Voltage
VCEO
400
V
Emitter to Base Voltage
VEBO
9.0
V
Collector Current - Continuous
IC
1.5
A
Collector Power Dissipation
PC
1.25
W
Collector Power Dissipation
PC(Tc=25℃)
40
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=1mA
IE=0
600
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=10mA
IB=0
400
V
Emitter to Base Breakdown
Voltage
VEBO
IE=1mA
IC=0
9.0
V
Collector Cut-Off Current
ICBO
VCB=600V
IE=0
0.1
mA
Collector cut-off current
ICEO
VCE=400V
IB=0
0.1
mA
Emitter Base Cut-Off Current
IEBO
VEB=9.0V
IC=0
0.1
mA
DC Current Gain
hFE
VCE=5.0V
IC=200mA
10
40
Collector to Emitter Saturation
Voltage
VCE(sat)
IC=500mA
IB=100mA
0.8
V
Base to Emitter Saturation Voltage VBE(sat)
IC=500mA
IB=100mA
1.2
V
Transition Frequency
fT
VCE=10V
IC=100mA
f=1.0MHz
5.0
MHz
Fall time
tf
VCE=5V
IC=250mA
(UI9600)
0.6
μs
Storage time
ts
3.5
μs
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - MJE13002I5

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MJE13002I1 FOSHAN-MJE13002I1 Datasheet
911Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
MJE13002I6 FOSHAN-MJE13002I6 Datasheet
905Kb / 6P
   Silicon NPN transistor in a TO-126F(R) Plastic Package.
MJE13002I7 FOSHAN-MJE13002I7 Datasheet
1,014Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
More results

Similar Description - MJE13002I5

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MJE13003LF5 FOSHAN-MJE13003LF5 Datasheet
830Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package.
MJE13002F5 FOSHAN-MJE13002F5 Datasheet
804Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package
MJE13003HK5 FOSHAN-MJE13003HK5 Datasheet
865Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package.
MJE13003VN5 FOSHAN-MJE13003VN5 Datasheet
926Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package.
MJE13002G5 FOSHAN-MJE13002G5 Datasheet
824Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package
MJE13003DG5 FOSHAN-MJE13003DG5 Datasheet
1,004Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package
MJE13003DI5 FOSHAN-MJE13003DI5 Datasheet
1,008Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package
MJE13003G5 FOSHAN-MJE13003G5 Datasheet
824Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package
MJE13003I5 FOSHAN-MJE13003I5 Datasheet
915Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package
MJE13003L5 FOSHAN-MJE13003L5 Datasheet
866Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package
MJE13002H5 FOSHAN-MJE13002H5 Datasheet
792Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com