Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF280049MPZS Datasheet(PDF) 11 Page - Texas Instruments

Part # XF280049MPZS
Description  Piccolo Microcontrollers
Download  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XF280049MPZS Datasheet(HTML) 11 Page - Texas Instruments

Back Button XF280049MPZS Datasheet HTML 7Page - Texas Instruments XF280049MPZS Datasheet HTML 8Page - Texas Instruments XF280049MPZS Datasheet HTML 9Page - Texas Instruments XF280049MPZS Datasheet HTML 10Page - Texas Instruments XF280049MPZS Datasheet HTML 11Page - Texas Instruments XF280049MPZS Datasheet HTML 12Page - Texas Instruments XF280049MPZS Datasheet HTML 13Page - Texas Instruments XF280049MPZS Datasheet HTML 14Page - Texas Instruments XF280049MPZS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 217 page
background image
11
TMS320F280049, TMS320F280049C, TMS320F280049M
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
www.ti.com
SPRS945A – JANUARY 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280049M TMS320F280048 TMS320F280048C
TMS320F280045 TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Device Comparison
Copyright © 2017, Texas Instruments Incorporated
Table 3-1. Device Comparison (continued)
FEATURE(1)
F280049
F280049C
F280049M
F280048
F280048C
F280045
F280041
F280041C
F280040
F280040C
ANALOG PERIPHERALS
ADC 12-bit
Number of ADCs
3
MSPS
3.45
Conversion Time (ns)(3)
300
ADC channels
(single-ended)
100-pin PZ
21
64-pin PM
14
56-pin RSH
12
Temperature sensor
1
Buffered DAC
2
CMPSS
(each CMPSS has two
comparators and two internal
DACs)
100-pin PZ
7
64-pin PM
6
56-pin RSH
5
PGAs
(Gain Settings: 3, 6, 12, 24)
100-pin PZ
7
64-pin PM
5
56-pin RSH
4
CONTROL PERIPHERALS(4)
eCAP/HRCAP modules – Type 1
7 (2 with HRCAP capability)
ePWM/HRPWM channels – Type 4
16
eQEP modules – Type 1
100-pin PZ
2
64-pin PM
1
56-pin RSH
1
SDFM channels – Type 1
100-pin PZ
4
64-pin PM
3
56-pin RSH
3
COMMUNICATION PERIPHERALS(4)
CAN – Type 0
2
I2C – Type 1
1
SCI – Type 0
2
SPI – Type 2
2
LIN – Type 1
1
PMBus – Type 0
1
FSI – Type 0
1
PACKAGE OPTIONS, TEMPERATURE, AND QUALIFICATION
Junction Temperature (TJ)
S: –40°C to 125°C
100-pin PZ
100-pin PZ
100-pin PZ
64-pin PM
64-pin PM
64-pin PM
56-pin RSH
56-pin RSH
56-pin RSH
Free-Air Temperature (TA)
Q: –40°C to 125°C(5)
100-pin PZ
64-pin PM
100-pin PZ
64-pin PM
(1) A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. For more information, see the C2000 Real-Time
Control Peripherals Reference Guide.
(2) For more information about InstaSPIN-FOC™ and InstaSPIN-MOTION™ devices, see Section 7.3 for a list of InstaSPIN Technical
Reference Manuals.
(3) Time between start of sample-and-hold window to start of sample-and-hold window of the next conversion.
(4) For devices that are available in more than one package, the peripheral count listed in the smaller package is reduced because the
smaller package has less device pins available. The number of peripherals internally present on the device is not reduced compared to
the largest package offered within a part number. See Section 4 to identify which peripheral instances are accessible on pins in the
smaller package.
(5) The letter Q refers to AEC Q100 qualification for automotive applications.


Similar Part No. - XF280049MPZS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XF280049MPZS TI1-XF280049MPZS Datasheet
1Mb / 214P
[Old version datasheet]   Piccolo Microcontrollers
XF280049MPZS TI1-XF280049MPZS Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
XF280049MPZS TI1-XF280049MPZS Datasheet
2Mb / 218P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - XF280049MPZS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com