Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE13003VK7 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MJE13003VK7
Description  Silicon NPN transistor in a TO-220 Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MJE13003VK7 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MJE13003VK7 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13003VK7 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13003VK7 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13003VK7 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13003VK7 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MJE13003VK7 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MJE13003VK7
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-220 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a TO-220 Plastic Package.

耐压高,开关速度快,安全工作区宽,符合 RoHS 规范。
High voltage capability, high speed switching, wide soa, RoHS compliant.
适用于 110V 电路、节能灯、电子镇流器。
Suitable for 110V circuit mode, fluorescent lamp.
PIN1
:Base
PIN 2
:Collector
PIN 3
:Emitter
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
3
2
1


Similar Part No. - MJE13003VK7

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MJE13003VK1 FOSHAN-MJE13003VK1 Datasheet
826Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
MJE13003VK3 FOSHAN-MJE13003VK3 Datasheet
828Kb / 6P
   Silicon NPN transistor in a TO-251 Plastic Package.
MJE13003VK5 FOSHAN-MJE13003VK5 Datasheet
989Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package
More results

Similar Description - MJE13003VK7

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BU406 FOSHAN-BU406 Datasheet
1,017Kb / 7P
   Silicon NPN transistor in a TO-220 Plastic Package.
MJE15032 FOSHAN-MJE15032 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
MJE15036 FOSHAN-MJE15036 Datasheet
1,022Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
TIP41 FOSHAN-TIP41 Datasheet
1,022Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
2SC2654 FOSHAN-2SC2654 Datasheet
570Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
MJE13009X7 FOSHAN-MJE13009X7 Datasheet
896Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package
BUL5555 FOSHAN-BUL5555 Datasheet
916Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
MJE13002I7 FOSHAN-MJE13002I7 Datasheet
1,014Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
KTD1351 FOSHAN-KTD1351 Datasheet
957Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
TIP122 FOSHAN-TIP122 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
2SD1710A FOSHAN-2SD1710A Datasheet
938Kb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com