Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F280041CRSHS Datasheet(PDF) 7 Page - Texas Instruments

Part # F280041CRSHS
Description  Piccolo Microcontrollers
Download  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F280041CRSHS Datasheet(HTML) 7 Page - Texas Instruments

Back Button F280041CRSHS Datasheet HTML 3Page - Texas Instruments F280041CRSHS Datasheet HTML 4Page - Texas Instruments F280041CRSHS Datasheet HTML 5Page - Texas Instruments F280041CRSHS Datasheet HTML 6Page - Texas Instruments F280041CRSHS Datasheet HTML 7Page - Texas Instruments F280041CRSHS Datasheet HTML 8Page - Texas Instruments F280041CRSHS Datasheet HTML 9Page - Texas Instruments F280041CRSHS Datasheet HTML 10Page - Texas Instruments F280041CRSHS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 217 page
background image
7
TMS320F280049, TMS320F280049C, TMS320F280049M
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
www.ti.com
SPRS945A – JANUARY 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280049M TMS320F280048 TMS320F280048C
TMS320F280045 TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Revision History
Copyright © 2017, Texas Instruments Incorporated
2
Revision History
Changes from January 25, 2017 to August 22, 2017 (from SPRS945 Revision (January 2017) to SPRS945A
Revision)
Page
Global: Added TMS320F280049C, TMS320F280048, TMS320F280048C, TMS320F280045, TMS320F280041,
TMS320F280041C, TMS320F280040, and TMS320F280040C.
............................................................... 1
Section 1.1 (Features): Updated section.
......................................................................................... 1
Section 1.2 (Applications): Updated section.
..................................................................................... 2
Section 1.3 (Description): Updated section.
....................................................................................... 3
Section 1.3: Updated Device Information table
................................................................................... 3
Figure 1-1 (Functional Block Diagram): Updated figure.
........................................................................ 5
Section 3 (Device Comparison): Updated section.
............................................................................. 10
Table 3-1 (Device Comparison): Updated table. Added footnote about InstaSPIN™ devices.
........................... 10
Table 4-3 (Digital Signals): I2CA_SDA: Added "0" to GPIO column.
........................................................ 30
Table 4-3: Added VFBSW, VSW, and X2.
...................................................................................... 30
Section 4.4.1 (GPIO Muxed Pins): Added NOTE about unavailable GPIO pins.
.......................................... 41
Table 4-7 (Digital Signals by GPIO): Added VFBSW, VSW, and X2.
........................................................ 44
Section 4.4.2 (Digital Inputs on ADC Pins (AIOs)): Updated section.
....................................................... 49
Table 4-9 (Pins With Internal Pullup and Pulldown): Added "(including AIOs)" to GPIOx.
............................... 52
Table 4-10 (Connections for Unused Pins): Updated table.
.................................................................. 53
Section 5.1 (Absolute Maximum Ratings): Updated section.
................................................................. 54
Section 5.4 (Recommended Operating Conditions): Updated section.
..................................................... 54
Section 5.6 (Electrical Characteristics): Updated section.
..................................................................... 54
Section 5.5 (Power Consumption Summary): Added reference to Section 5.5.1, Operating Mode Test Description.
. 56
Section 5.5: Removed "Flash Erase/Program Currents at 100-MHz SYSCLK" table.
..................................... 56
Table 5-1 (System Current Consumption (External Supply)): Updated table.
.............................................. 56
Table 5-2 (System Current Consumption (Internal VREG)): Updated table.
................................................ 56
Table 5-3 (System Current Consumption (DCDC)): Updated table.
.......................................................... 56
Section 5.5.1 (Operating Mode Test Description): Added section title. Updated section.
................................. 59
Section 5.5.2 (Current Consumption Graphs): Added section.
............................................................... 60
Table 5-4 (Typical IDD Current Reduction per Disabled Peripheral (at 100-MHz SYSCLK)): Changed title from
"Typical Current Consumption per Peripheral (at 100-MHz SYSCLK)" to "Typical IDD Current Reduction per
Disabled Peripheral (at 100-MHz SYSCLK)".
................................................................................... 61
Table 5-4: Updated table.
......................................................................................................... 61
Section 5.8.1 (Power Management): Added NOTE about using same system voltage regulator to drive VDDIO
and VDDIO_SW.
................................................................................................................... 65
Section 5.8.1.1 (Internal 1.2-V LDO Voltage Regulator (VREG)): Updated section.
...................................... 65
Section 5.8.1.2 (Internal 1.2-V Switching Regulator (DC-DC)): Updated section.
.......................................... 65
Section 5.8.1.3 (Power Sequencing): Added "The VREFHI voltage should not exceed VDDA at any time" to "An
external power supply must be used to supply 3.3 V to VDDIO ..." paragraph.
........................................... 67
Figure 5-6 (Reset Circuit): Updated figure.
..................................................................................... 68
Table 5-17 (XTAL Oscillator Characteristics): Updated table.
................................................................. 73
Table 5-20 (Internal Clock Frequencies): Changed MIN f(PLLRAWCLK) value from 120 MHz to 15 MHz. ................. 74
Figure 5-11 (Single-ended 3.3-V External Clock): Updated figure.
.......................................................... 75
Table 5-26 (INTOSC Characteristics): Updated table.
........................................................................ 78
Section 5.8.4 (Flash Parameters): Updated section.
.......................................................................... 79
Table 5-27 (Minimum Required Flash Wait States with Different Clock Sources and Frequencies): Updated table
and footnotes.
....................................................................................................................... 79
Table 5-28 (Flash Parameters): Changed table title from "Flash Parameters at 100 MHz" to "Flash Parameters".
Updated table and footnotes.
...................................................................................................... 79
Table 5-28: Moved data from "Flash/OTP Endurance" table and "Flash Data Retention Duration" table into
"Flash Parameters" table. Removed "Flash/OTP Endurance" table and "Flash Data Retention Duration" table.
...... 79
Figure 5-14 (Application Code With Heavy 32-Bit Floating-Point Math Instructions): Added figure.
.................... 79
Figure 5-15 (Application Code With 16-Bit If-Else Instructions): Added figure.
............................................ 79
Section 5.8.5 (Emulation/JTAG): Updated section.
............................................................................ 81
Figure 5-16 (Connecting to the 14-Pin JTAG Header): Updated footnote.
.................................................. 82
Figure 5-17 (Connecting to the 20-Pin JTAG Header): Updated footnote.
................................................. 82
Table 5-29 (JTAG Timing Requirements): Updated table.
.................................................................... 83
Table 5-30 (JTAG Switching Characteristics): Updated table.
............................................................... 83


Similar Part No. - F280041CRSHS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F280041CRSHS TI1-F280041CRSHS Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
F280041CRSHS TI1-F280041CRSHS Datasheet
2Mb / 218P
[Old version datasheet]   Piccolo Microcontrollers
F280041CRSHS TI1-F280041CRSHS Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
F280041CRSHSR TI1-F280041CRSHSR Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
F280041CRSHSR TI1-F280041CRSHSR Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - F280041CRSHS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com