Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB215IRGYT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB215IRGYT
Description  USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB215IRGYT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB215IRGYT Datasheet HTML 6Page - Texas Instruments TUSB215IRGYT Datasheet HTML 7Page - Texas Instruments TUSB215IRGYT Datasheet HTML 8Page - Texas Instruments TUSB215IRGYT Datasheet HTML 9Page - Texas Instruments TUSB215IRGYT Datasheet HTML 10Page - Texas Instruments TUSB215IRGYT Datasheet HTML 11Page - Texas Instruments TUSB215IRGYT Datasheet HTML 12Page - Texas Instruments TUSB215IRGYT Datasheet HTML 13Page - Texas Instruments TUSB215IRGYT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
TUSB215
SLLSEX8A – AUGUST 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TUSB215
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
Table 2. Register definition (continued)
Offset
Bit(s)
Name
Type
Default
Description
0x0E
2:0
DCB_LVL
RW
XXX (Sampled from
DC_BOOST pin at reset)
Sets the level of DC Boost
011 : 40mV (DC_Boost = L)
101 : 60mV (DC_Boost = M, default)
111 : 80mV (DC_Boost = H)


Similar Part No. - TUSB215IRGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB215 TI1-TUSB215 Datasheet
929Kb / 26P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB215QRGYRQ1 TI1-TUSB215QRGYRQ1 Datasheet
929Kb / 26P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB215QRGYTQ1 TI1-TUSB215QRGYTQ1 Datasheet
929Kb / 26P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
More results

Similar Description - TUSB215IRGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB214 TI1-TUSB214 Datasheet
836Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB217A TI-TUSB217A Datasheet
4Mb / 31P
[Old version datasheet]   TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB217A-Q1 TI-TUSB217A-Q1 Datasheet
3Mb / 33P
[Old version datasheet]   TUSB217A-Q1 USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com