Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB215IRGYT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB215IRGYT
Description  USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB215IRGYT Datasheet(HTML) 2 Page - Texas Instruments

  TUSB215IRGYT Datasheet HTML 1Page - Texas Instruments TUSB215IRGYT Datasheet HTML 2Page - Texas Instruments TUSB215IRGYT Datasheet HTML 3Page - Texas Instruments TUSB215IRGYT Datasheet HTML 4Page - Texas Instruments TUSB215IRGYT Datasheet HTML 5Page - Texas Instruments TUSB215IRGYT Datasheet HTML 6Page - Texas Instruments TUSB215IRGYT Datasheet HTML 7Page - Texas Instruments TUSB215IRGYT Datasheet HTML 8Page - Texas Instruments TUSB215IRGYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
TUSB215
SLLSEX8A – AUGUST 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TUSB215
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 6
6.7
Typical Characteristics .............................................. 7
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 8
7.3
Feature Description................................................... 8
7.4
Device Functional Modes.......................................... 9
8
Application and Implementation ........................ 11
8.1
Application Information............................................ 11
8.2
Typical Application ................................................. 11
9
Power Supply Recommendations ...................... 18
10
Layout................................................................... 19
10.1
Layout Guidelines ................................................. 19
10.2
Layout Example .................................................... 19
11
Device and Documentation Support ................. 20
11.1
Documentation Support ....................................... 20
11.2
Receiving Notification of Documentation Updates 20
11.3
Community Resources.......................................... 20
11.4
Trademarks ........................................................... 20
11.5
Electrostatic Discharge Caution ............................ 20
11.6
Glossary ................................................................ 20
12
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
Changes from Original (August 2017) to Revision A
Page
Changed CIO_DXX TYP value From: 7 pF To: 2.7 pF in the Electrical Characteristics table ................................................... 6


Similar Part No. - TUSB215IRGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB215 TI1-TUSB215 Datasheet
929Kb / 26P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB215QRGYRQ1 TI1-TUSB215QRGYRQ1 Datasheet
929Kb / 26P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB215QRGYTQ1 TI1-TUSB215QRGYTQ1 Datasheet
929Kb / 26P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
More results

Similar Description - TUSB215IRGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB214 TI1-TUSB214 Datasheet
836Kb / 23P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB217A TI-TUSB217A Datasheet
4Mb / 31P
[Old version datasheet]   TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
[Old version datasheet]   USB 2.0 High Speed Signal Conditioner
TUSB217A-Q1 TI-TUSB217A-Q1 Datasheet
3Mb / 33P
[Old version datasheet]   TUSB217A-Q1 USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com