Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65919-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65919-Q1
Description  Power Management Unit (PMU) for Processor
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65919-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65919-Q1 Datasheet HTML 1Page - Texas Instruments TPS65919-Q1 Datasheet HTML 2Page - Texas Instruments TPS65919-Q1 Datasheet HTML 3Page - Texas Instruments TPS65919-Q1 Datasheet HTML 4Page - Texas Instruments TPS65919-Q1 Datasheet HTML 5Page - Texas Instruments TPS65919-Q1 Datasheet HTML 6Page - Texas Instruments TPS65919-Q1 Datasheet HTML 7Page - Texas Instruments TPS65919-Q1 Datasheet HTML 8Page - Texas Instruments TPS65919-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
2
TPS65919-Q1
SLVSDM1 – AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65919-Q1
Device Overview
Copyright © 2017, Texas Instruments Incorporated
(1)
For all available packages, see the orderable addendum at the end of the data sheet.
The power-sequence controller uses one-time programmable (OTP) memory to control the power
sequences, as well as default configurations such as output voltage and GPIO configurations. The OTP is
factory-programmed to allow start-up without any software required. Most static settings can be changed
from the default through SPI or I2C to configure the device to meet many different system needs. For
example, voltage-scaling registers are used to support dynamic voltage-scaling requirements of
processors. The OTP also contains a bit-integrity-error detection feature to stop the power-up sequence if
an error is detected, preventing the system from starting in an unknown state.
The TPS65919-Q1 device also includes an analog-to-digital converter (ADC) to monitor the system state.
The GPADC includes two external channels to monitor any external voltage, as well as internal channels
to measure supply voltage, output current, and die temperature, allowing the processor to monitor the
health of the system. The device offers a watchdog to monitor for software lockup, and includes protection
and diagnostic mechanisms such as short-circuit protection, thermal monitoring, shutdown, and automatic
ADC conversions to detect if a voltage is below a predefined threshold. The PMIC can notify the processor
of these events through the interrupt handler, allowing the processor to take action in response.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS65919-Q1
VQFN (48)
7.00 mm × 7.00 mm


Similar Part No. - TPS65919-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results

Similar Description - TPS65919-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1_18 Datasheet
2Mb / 109P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS65917-Q1 TI-TPS65917-Q1_V01 Datasheet
2Mb / 93P
[Old version datasheet]   TPS65917-Q1 Power Management Unit (PMU) for Processor
FEBRUARY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com