Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A4701QRGWTQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4701QRGWTQ1
Description  35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4701QRGWTQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS7A4701QRGWTQ1 Datasheet HTML 6Page - Texas Instruments TPS7A4701QRGWTQ1 Datasheet HTML 7Page - Texas Instruments TPS7A4701QRGWTQ1 Datasheet HTML 8Page - Texas Instruments TPS7A4701QRGWTQ1 Datasheet HTML 9Page - Texas Instruments TPS7A4701QRGWTQ1 Datasheet HTML 10Page - Texas Instruments TPS7A4701QRGWTQ1 Datasheet HTML 11Page - Texas Instruments TPS7A4701QRGWTQ1 Datasheet HTML 12Page - Texas Instruments TPS7A4701QRGWTQ1 Datasheet HTML 13Page - Texas Instruments TPS7A4701QRGWTQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
0.01
0.1
1
10
10
100
1k
10k
100k
1M
Frequency (Hz)
IOUT = 50 mA, VNOISE = 5 mVRMS
IOUT = 20 mA, VNOISE = 5.9 mVRMS
Time (50 ms/div)
V
(2 V/div)
OUT
V
(2 V/div)
EN
I
(200 mA/div)
OUT
Time (500 ms/div)
V
(10 mV/div)
OUT
I
(1 A/div)
OUT
Time (5 ms/div)
V
(10 V/div)
IN
V
(10 mV/div)
OUT
10
TPS7A47-Q1
SBVS118 – AUGUST 2017
www.ti.com
Product Folder Links: TPS7A47-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TJ = 25°C; VI = VO(nom) + 1.0 V or VI = 3.0 V (whichever is greater); VEN = VI; IO = 0 mA; CIN = 10 µF; COUT = 10 µF; CNR =
1 µF; SENSE/FB tied to OUT; and 0P1V, 0P2V, 0P4V, 0P8V, 1P6V, 3P2V, 6P4V1, 6P4V2 pins open (unless otherwise
noted)
VIN = 5 V, VOUT = 3.3 V, IOUT = 10 mA to 845 mA
Figure 19. Load Transient
VIN = 5 V to 15 V, VOUT = 3.3 V, IOUT = 845 mA
Figure 20. Line Transient
Startup time = 65 ms, VIN = 6 V, VOUT = 5V, IOUT = 500 mA,
CIN = 10 µF, COUT = 50 µF
Figure 21. Startup
VOUT = 4.7 V, COUT = 10 µF, CNR = 1 µF, BWRMSNOISE (10 Hz,
100 kHz)
Figure 22. Noise vs Output Current


Similar Part No. - TPS7A4701QRGWTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4701 TI1-TPS7A4701 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A4701MRGWREP TI1-TPS7A4701MRGWREP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A4701RGWR TI1-TPS7A4701RGWR Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4701RGWT TI1-TPS7A4701RGWT Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
More results

Similar Description - TPS7A4701QRGWTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A88-Q1 TI1-TPS7A88-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   Automotive, Dual, 1-A, Low-Noise (4 uVRMS) LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700_14 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
logo
Texas Instruments
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47 TI1-TPS7A47 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47_15 TI-TPS7A47_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
TPS7A85A TI1-TPS7A85A Datasheet
2Mb / 46P
[Old version datasheet]   4-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS), LDO Regulator
TPS7A83A TI1-TPS7A83A_18 Datasheet
3Mb / 49P
[Old version datasheet]   2-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS) LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com