Electronic Components Datasheet Search |
|
DMS3102R14S-29SCBSL-2 Datasheet(PDF) 1 Page - DDK Ltd. |
|
DMS3102R14S-29SCBSL-2 Datasheet(HTML) 1 Page - DDK Ltd. |
1 / 26 page http://www.ddknet.co.jp ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Please varify the latest specifications with our drawings. DDK'S D/MS E/F/R Series provides a set of moisture-resistant and oil-resistant connectors. This series uses synthetic rubber for their inserts to cope with the various environments in which industrial machines are installed. The products in the D/MS E/F/R series are compatible and comply with MIL-DTL-5015. The F and R types prevent the entry of water moisture, cutting oil and other foreign substances into machines where those connectors are employed, helping enhance the reliability of the equipment. D/MS E/F/R Series MIL-DTL-5015 Compatible Environment Resistant Type. 160620 OUTLINE FEATURES APPLICATION MATERIAL / FINISH Item Material / Finish Contact Copper Alloy / Silver Plating Insert Ethylene Propylene Rubber / Black Shell Aluminum Alloy / Zinc Plating , Trivalent Chromium Treatment (Black) ◆ Synthetic rubber inserts. ◆ Grommet for moisture-proof. ◆ Grommet and cable clamp combination for extra strength to hold cable. ◆ Solder termination contacts. The D/MS E/F/R series is designed and manufactured for reliable performance is a broadrange of electric / electronic equipment applications. These include machine tools, communications, instrumentation and high current systems. Receptacle Connector Plug Connector RoHS Compliant Angle Plug D/MS3108 E / F Straight Plug D/MS3106 E / F Box Receptacle D/MS3102 E / R Cable Receptacle D/MS3101E Wall Receptacle D/MS3100E RoHS Compliant RoHS Compliant Conforming Standard MIL-DTL-5015 IP55 Waterproof Lock Type Threaded Coupling |
Similar Part No. - DMS3102R14S-29SCBSL-2 |
|
Similar Description - DMS3102R14S-29SCBSL-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |