Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA221FH Datasheet(PDF) 1 Page - Rohm

Part # DA221FH
Description  Switching Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DA221FH Datasheet(HTML) 1 Page - Rohm

  DA221FH Datasheet HTML 1Page - Rohm DA221FH Datasheet HTML 2Page - Rohm DA221FH Datasheet HTML 3Page - Rohm DA221FH Datasheet HTML 4Page - Rohm DA221FH Datasheet HTML 5Page - Rohm DA221FH Datasheet HTML 6Page - Rohm DA221FH Datasheet HTML 7Page - Rohm DA221FH Datasheet HTML 8Page - Rohm DA221FH Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DA221FH
Switching Diode
(AEC-Q101 qualified)
Data sheet
 
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
          Outline
VRM
20
V
     
 
IFM
200
mA
 
 
Io
100
mA
 
 
IFSM
300
mA
 
 
 
     
Features
Inner Circuit
High reliability
Small mold type
Application
Packaging Specifications
General switching
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
Structure
Basic Ordering Unit(pcs)
3000
Epitaxial planar
Taping Code
TL
Marking
K
Absolute Maximum Ratings (Ta = 25ºC)
Parameter
Symbol
Conditions
Limits
Unit
Reverse voltage
VR
-
20
V
Repetitive peak reverse voltage
VRM
-
20
V
Average rectified forward current
Io
-
100
mA
Forward current
IFM
-
200
mA
Peak forward surge current
IFSM
t=1μs
300
mA
Power dissipation
*
     
PD
-
150
mW
Junction temperature
Tj
-
150
Storage temperature
Tstg
-
-55 150
* 2 elements total
Characteristics (Ta = 25ºC)
  
Value per element
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Forward voltage
VF
IF=10mA
-
-
1.0
V
Reverse current
IR
VR=15V
-
-
0.1
μA
Capacitance between terminals *
Ct
VR=6.0V f=1.0MHz
-
-
4.0
pF
Reverse recovery time
trr
-
-
-
-
ns
Cautionstatic electricity
* Capacitanceb/w 1pin and 2pin
                                                                                         
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
1/5
 
2017/01/19_Rev.002


Similar Part No. - DA221FH

ManufacturerPart #DatasheetDescription
logo
Rohm
DA221FH ROHM-DA221FH Datasheet
754Kb / 6P
   Switching Diode
More results

Similar Description - DA221FH

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com