Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2.5DMB2R2M8X16 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 2.5DMB2R2M8X16
Description  ELECTRIC DOUBLE LAYER CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

2.5DMB2R2M8X16 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  2.5DMB2R2M8X16 Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
**:Lead Forming
ELECTRIC DOUBLE LAYER CAPACITORS
◆SPECIFICATIONS
−25∼+60℃
−25∼+70℃
2.5Vdc
±20%
(20℃)
After 1000 hours without load at 60℃(DMA) or 70℃
(DMB), the capacitors shall meet the same requiremnts specifiled for endurance.
After 1000 hours with rated voltage at 60℃
(DMA)
or70℃
(DMB)
, the capacitors shall meet the following requirements.
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Characteristics at High and
low Temperatures
Endurance
Storage at High emperature
Items
DMA
DMB
|ΔC/C
(+20℃)
|≦30%
Max, 4 times of value at 20℃(at −25℃)
2.5
DMA
2.5
DMB
50
60
100
190
2.2
3.3
4.7
10
15
22
30
50
70
100
150
0.1
18×35.5
18×40
20×55
22×65
8×16
8×20
10×20
10×35
12.5×25
12.5×30
16×25
16×31.5
18×40
20×45
20×55
22×65
◆STANDARD SIZE
◆PART NUMBER
□□□
Rated Voltage
□□□
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□
Capacitance
M
Capacitance Tolerance
SERIES
DMA
Rated Voltage(Vdc)
Serires
Capacitance(F)
ESR
(Ω/20℃, 1kHz)
φD x L
(mm)
Part No.
DMA/DMB
2.5DMA50M**18×35.5
2.5DMA60M**18×40
2.5DMA100M**20×55
2.5DMA190M**22×65
2.5DMB2R2M**8×16
2.5DMB3R3M**8×20
2.5DMB4R7M**10×20
2.5DMB10M**10×35
2.5DMB10M**12.5×25
2.5DMB15M**12.5×30
2.5DMB22M**16×25
2.5DMB30M**16×31.5
2.5DMB50M**18×40
2.5DMB70M**20×45
2.5DMB100M**20×55
2.5DMB150M**22×65
Lead Forming : Please refer to aluminum electrolytic capacitors section.
0.1
1
0.5
0.2
Load Life: 60℃ 1000 hours
SERIES
DMB
Load Life: 70℃ 1000 hours
◆DIMENSIONS
φD
φd
F
10
5.0
0.6
8
3.5
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
20
10.0
1.0
22
10.0
1.0
L+2.0 MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE
(PET)
F ±0.5
Capacitance Change
ESR
|ΔC/C
(initial)|≦30%
Max, 3 times of the specification
Capacitance Change
ESR
RoHS
compliance
(mm)


Similar Part No. - 2.5DMB2R2M8X16

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
2.5DMB22M16X25 RUBYCON-2.5DMB22M16X25 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
More results

Similar Description - 2.5DMB2R2M8X16

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB3R3M8X20 RUBYCON-2.5DMB3R3M8X20 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.7DMC4.7FMEFC10X23 RUBYCON-2.7DMC4.7FMEFC10X23 Datasheet
163Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB50M18X40 RUBYCON-2.5DMB50M18X40 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com