Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC4002A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC4002A
Description  LCD MODULES SC4002A ( 40 CHARACTERS x 2 LINES )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC4002A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC4002A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C
C
C
o
o
o
LCD MODULES
SC4002A ( 40 CHARACTERS x 2 LINES )
FEATURES
ELECTRICAL CHARACTERISTICS
5 x 7 DOTS WITH CURSOR
ITEM
SYMBOL
CONDITION
MIN. TYP. MAX. UNIT
BUILT-IN CONTROLLER (KS0066 OR EQUIVALENT)
LCD Operating
T=0
-
4.8
-
V
5 V POWER SUPPLY
Voltage
VDD-VO
T=25
-
4.5
-
V
1/16 DUTY CYCLE
T=50
-
4.2
-
V
4.2 V LED FORWARD VOLTAGE
Supply Voltage
VDD-VSS
-
4.7
5
5.3
V
Supply Current
IDD
-
-3.2
6
mA
Input
"HIGH" Level
VIH
-
2.2
-
VDD
V
Voltage
"LOW" Level
VIL
-
0-
0.6
V
MECHANICAL DATA
Output
"HIGH" Level
VOH
-
2.4
-
-
V
ITEM
UNIT
Voltage
"LOW" Level
VOL
-
--
0.4
V
Module Size (W x H x T)
182.0 x 33.5 x 8.8 ( 12.7 LED )
mm
Viewing Area ( W x H )
154.0 x 15.3
mm
BLOCK DIAGRAM
Character Size ( W x H )
3.20 x 5.55
mm
Character Pitch (W x H)
3.70 x 5.95
mm
DotSize(WxH)
0.60x0.65
mm
Dot Pitch ( W x H )
0.65 x 0.70
mm
INTERFACE PIN CONNECTIONS
NO.
SYMBOL
NO. SYMBOL
FUNCTION
1VSS
Supply Ground
9
DB2
Data Bit 2
2VDD
Supply Voltage
10
DB3
Data Bit 3
3VO
Contrast Adj.
11
DB4
Data Bit 4
4
RS
Register Select
12
DB5
Data Bit 5
5
R/W
Read/Write
13
DB6
Data Bit 6
6
E
Enable Signal
14
DB7
Data Bit 7
7
DB0
Data Bit 0
15
A
LED Power
8
DB1
Data Bit 1
16
K
LED Power
EXTERNAL DIMENSIONS
FUNCTION
DIMENSIONS


Similar Part No. - SC4002A

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SC4002ALM-6 CYNERGY3-SC4002ALM-6 Datasheet
85Kb / 1P
   Universal Input Dual Setpoint Trip Amplifier
More results

Similar Description - SC4002A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC4004A ETC-SC4004A Datasheet
95Kb / 1P
   LCD MODULES 40 CHARACTERS x 4 LINES
logo
Hitachi Semiconductor
LM092XMLN HITACHI-LM092XMLN Datasheet
161Kb / 3P
   40 characters x 2 lines LCD
logo
List of Unclassifed Man...
SC0802D ETC-SC0802D Datasheet
117Kb / 1P
   8 CHARACTERS x 2 LINES LCD MODULES
SC0802A ETC-SC0802A Datasheet
77Kb / 1P
   LCD MODULES 8 CHARACTERS x 2 LINES
SC0802E ETC-SC0802E Datasheet
113Kb / 1P
   8 CHARACTERS x 2 LINES LCD MODULES
SC1602D ETC-SC1602D Datasheet
93Kb / 1P
   LCD MODULES 16 CHARACTERS x 2 LINES
SD1602H ETC-SD1602H Datasheet
69Kb / 1P
   LCD MODULES SD1602H ( 16 CHARACTERS x 2 LINES )
LC4021 ETC-LC4021 Datasheet
32Kb / 1P
   40 characters x 2 lines
SC1601D ETC-SC1601D Datasheet
62Kb / 1P
   LCD MODULES 16 CHARACTERS x 1 LINES
SC2002D ETC-SC2002D Datasheet
87Kb / 1P
   LCD MODULE 20 CHARACTERS X 2 LINES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com