Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-914PGT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # L-914PGT
Description  RECTANGULAR SOLID LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L-914PGT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  L-914PGT Datasheet HTML 1Page - List of Unclassifed Manufacturers L-914PGT Datasheet HTML 2Page - List of Unclassifed Manufacturers L-914PGT Datasheet HTML 3Page - List of Unclassifed Manufacturers L-914PGT Datasheet HTML 4Page - List of Unclassifed Manufacturers L-914PGT Datasheet HTML 5Page - List of Unclassifed Manufacturers L-914PGT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: KDA0282
REV NO: V.1
DATE: SEP/15/2001
PAGE: 3 OF 6
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
Bright Red L-914HD,L-914HT
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
t
h
g
ir
Bt
h
g
ir
B
t
h
g
ir
B
t
h
g
ir
Bt
h
g
ir
B
d
e
R
h
g
i
Hh
g
i
H h
g
i
H h
g
i
Hh
g
i
H
y
c
n
e
i
c
if
f
E
d
e
R
e
g
n
a
r
Oe
g
n
a
r
O
e
g
n
a
r
O
e
g
n
a
r
Oe
g
n
a
r
On
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Y
e
r
u
Pe
r
u
P e
r
u
P e
r
u
Pe
r
u
P
n
e
e
r
G
s
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P0
2
15
0
15
0
15
0
15
0
15
0
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D5
20
30
35
20
35
2A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P0
2
10
6
10
6
10
4
10
4
15
3
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
555555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C


Similar Part No. - L-914PGT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-90PL012D-C ETC2-L-90PL012D-C Datasheet
74Kb / 1P
   Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
L-90PL012D-I ETC2-L-90PL012D-I Datasheet
74Kb / 1P
   Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
L-90PL024D-C ETC2-L-90PL024D-C Datasheet
74Kb / 1P
   Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
L-90PL024D-I ETC2-L-90PL024D-I Datasheet
74Kb / 1P
   Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
logo
Kingbright Corporation
L-934GD-12V KINGBRIGHT-L-934GD-12V Datasheet
79Kb / 3P
   T-1 ( 3mm) SOLID STATE LAMP
More results

Similar Description - L-914PGT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L1053 KINGBRIGHT-L1053 Datasheet
142Kb / 5P
   1X5MM RECTANGULAR SOLID LAMPS
logo
QT Optoelectronics
MV53123 QT-MV53123 Datasheet
227Kb / 3P
   RECTANGULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV53123 FAIRCHILD-MV53123 Datasheet
251Kb / 4P
   RECTANGULAR SOLID STATE LAMPS
logo
Kingbright Corporation
L-1002 KINGBRIGHT-L-1002 Datasheet
147Kb / 5P
   1.1x3.4mm RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV53124A FAIRCHILD-MV53124A Datasheet
281Kb / 4P
   RECTANGULAR SOLID STATE LAMPS
logo
List of Unclassifed Man...
E914 ETC-E914 Datasheet
167Kb / 5P
   2 x 3mm RECTANGULAR SOLID LAMPS
logo
Kingbright Corporation
L-513 KINGBRIGHT-L-513 Datasheet
178Kb / 6P
   2.5 X 5MM RECTANGULAR SOLID LAMPS
logo
List of Unclassifed Man...
L513HDT ETC-L513HDT Datasheet
178Kb / 6P
   2.5 X 5MM RECTANGULAR SOLID LAMPS
L-113 ETC-L-113 Datasheet
178Kb / 6P
   2 X5 MM RECTANGULAR SOLID LAMPS
L173 ETC-L173 Datasheet
163Kb / 5P
   2.5 X 5 MM RECTANGULAR SOLID LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com