Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C105K5RALTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C105K5RALTU
Description  Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C105K5RALTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C105K5RALTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/20/2017 - b1b83312-35bc-40d5-8419-0efaae33db8e
KEMET Part Number: C1206C105K5RALTU
(C1206C105K5RAL7800)
Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
1mm +/-0.10mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2500
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 1206
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: No
Termination: Lead (SnPb)
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 1 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 500 MOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C105K5RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C105K5RAC KEMET-C1206C105K5RAC Datasheet
179Kb / 2P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric - Capacitance Extensions
C1206C105K5RACAUTO KEMET-C1206C105K5RACAUTO Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 1 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
logo
Infineon Technologies A...
C1206C105K5RACAUTO INFINEON-C1206C105K5RACAUTO Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
logo
Kemet Corporation
C1206C105K5RACTU KEMET-C1206C105K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C1206C105K5RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C105K5RACTU KEMET-C1206C105K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C474K5RACTU KEMET-C1206C474K5RACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.47 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C334K5RACTU KEMET-C1206C334K5RACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.33 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C103K5RACTU KEMET-C1206C103K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C224K5RACTU KEMET-C1206C224K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.22 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C223K5RACTU KEMET-C1206C223K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.022 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C333K5RACTU KEMET-C1206C333K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.033 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C475K5RACTU KEMET-C1206C475K5RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4.7 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C683K5RACTU KEMET-C1206C683K5RACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.068 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C104K5RACTM KEMET-C1206C104K5RACTM Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com