Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS3101E14S-29PBSS-1 Datasheet(PDF) 3 Page - DDK Ltd.

Part # DMS3101E14S-29PBSS-1
Description  MIL-DTL-5015 Compatible Environment Resistant Type
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3101E14S-29PBSS-1 Datasheet(HTML) 3 Page - DDK Ltd.

  DMS3101E14S-29PBSS-1 Datasheet HTML 1Page - DDK Ltd. DMS3101E14S-29PBSS-1 Datasheet HTML 2Page - DDK Ltd. DMS3101E14S-29PBSS-1 Datasheet HTML 3Page - DDK Ltd. DMS3101E14S-29PBSS-1 Datasheet HTML 4Page - DDK Ltd. DMS3101E14S-29PBSS-1 Datasheet HTML 5Page - DDK Ltd. DMS3101E14S-29PBSS-1 Datasheet HTML 6Page - DDK Ltd. DMS3101E14S-29PBSS-1 Datasheet HTML 7Page - DDK Ltd. DMS3101E14S-29PBSS-1 Datasheet HTML 8Page - DDK Ltd. DMS3101E14S-29PBSS-1 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Unit:mm
http://www.ddknet.co.jp
D/MS E/F/R Series
3
○ D/MS E/F/R Series
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
Contact
---Solder Type---
---Crimp Type---
Pin Contact
DMSE - # □□ P □
Pin Contact
DMSE - # □□ P □ - C □
Applicable Wire
Rated Current
Rated Voltage
Socket Contact
DMSE - # □□ S □
Socket Contact
DMSE - # □□ S □ -C □
Contact Size
AWG
Sectional Area
Capacitance (mm2)
Max. Conductor External
Diameter (mm)
#16
#16 - #22
1.25
1.6
#12
#12 - #14
3.50
2.5
#8
#8 - #10
8.00
4.5
#4
#4 - #6
22.00
7.0
#0
#0 - #2
50.00
11.0
Contact Size
AWG
Max. Value per Contact(A)
#16
#16 - #22
13
#12
#12 - #14
23
#8
#8 - #10
46
#4
#4 - #6
80
#0
#0 - #2
150
Service Rating
Rated Voltage(V)
DC
AC (r.m.s)
INST
250
200
A
700
500
D
1250
900
E
1750
1250
B
2450
1750
Note) Solder cup of the contact
It varies according to contact size.
# 0, # 4, # 8, straight (There is no cut)
# 12, # 16, solder cup (There is a cut)


Similar Part No. - DMS3101E14S-29PBSS-1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3101E14S DDK-DMS3101E14S Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
More results

Similar Description - DMS3101E14S-29PBSS-1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3100E10SL DDK-DMS3100E10SL Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
419Kb / 2P
   MIL-DTL-5015 Type Hermetic
947-042 GLENAIR-947-042 Datasheet
257Kb / 2P
   MIL-DTL-5015 Type Hermetic
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Glenair, Inc.
947-371 GLENAIR-947-371 Datasheet
266Kb / 2P
   MIL-DTL-5015 Type Hermetic Receptacle
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com