Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8501CEEVBD26 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8501CEEVBD26
Description  UProcessor Supervisory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8501CEEVBD26 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8501CEEVBD26 Datasheet HTML 1Page - Analog Microelectronics AME8501CEEVBD26 Datasheet HTML 2Page - Analog Microelectronics AME8501CEEVBD26 Datasheet HTML 3Page - Analog Microelectronics AME8501CEEVBD26 Datasheet HTML 4Page - Analog Microelectronics AME8501CEEVBD26 Datasheet HTML 5Page - Analog Microelectronics AME8501CEEVBD26 Datasheet HTML 6Page - Analog Microelectronics AME8501CEEVBD26 Datasheet HTML 7Page - Analog Microelectronics AME8501CEEVBD26 Datasheet HTML 8Page - Analog Microelectronics AME8501CEEVBD26 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AME, Inc.
1
AME8500 / 8501
µµµµµProcessor Supervisory
l Small packages: SOT-23, SOT-89
l 11 voltage threshold options
l Tight voltage threshold tolerance ---±1.50%
l 5 reset interval options
l 4 output configuration options
l Wide temperature range -------- -40oC to 85oC
l Low temperature coefficient --- 100ppm/oC(max)
l Low quiescent current < 3.0µA
l Thermal shutdown option (AME8501)
The AME8500 family allows the user to customize the
CPU reset function without any external components.
The user has a large choice of reset voltage thresholds,
reset time intervals, and output driver configurations, all
of which are preset at the factory. Each wafer is trimmed
to the customer's specifications.
These circuits monitor the power supply voltage of
µP
based systems. When the power supply voltage drops
below the voltage threshold a reset is asserted immedi-
ately (within an interval T
D1). The reset remains asserted
after the supply voltage rises above the voltage threshold
for a time interval, T
D2 . The reset output may be either
active high (RESET) or active low (RESETB). The reset
output may be configured as either push/pull or open
drain. The state of the reset output is guaranteed to be
correct for supply voltages greater than 1V.
The AME8501 includes all the above functionality plus
an overtemperature shutdown function. When the ambi-
ent temperature exceeds 80
oC a reset is asserted and
remains asserted until the temperature falls below 60
oC.
Space saving SOT23 packages and micropower qui-
escent current (<3.0
µA) make this family a natural for
portable battery powered equipment.
n General Description
n Features
n Typical Operating Circuit
Note: * External pull-up resistor is required if open-
drain output is used. 10 k
Ω is recommended.
n Block Diagram
l Portable electronics
l Power supplies
l Computer peripherals
l Data acquisition systems
l Applications using CPUs
l Consumer electronics
n Applications
AME8500 with Push-Pull RESET
RESET
V
DD
GND
R1
R2
I1
V
REF
P1
N1
Delay
V
DD
GND
R1
R2
I1
V
REF
P1
N1
RESET
Delay
AME8500 with Push-Pull RESET
Processor
V
CC
GND
RESET
Input
AME8500
V
CC
GND
RESET / RESET
2
3
*


Similar Part No. - AME8501CEEVBD26

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8501CEET AME-AME8501CEET Datasheet
70Kb / 11P
   Micropower uP Reset Family
More results

Similar Description - AME8501CEEVBD26

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GN809 GTM-GN809 Datasheet
370Kb / 4P
   UPROCESSOR SUPERVISORY
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
   Supervisory Circuit
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
   Supervisory Circuits
logo
Analog Microelectronics
AME8570 AME-AME8570 Datasheet
196Kb / 17P
   mProcessor Supervisory
logo
ON Semiconductor
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com