Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61538FP Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # M61538FP
Description  6-Channel Electronic Volume
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

M61538FP Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button M61538FP Datasheet HTML 4Page - Hitachi Semiconductor M61538FP Datasheet HTML 5Page - Hitachi Semiconductor M61538FP Datasheet HTML 6Page - Hitachi Semiconductor M61538FP Datasheet HTML 7Page - Hitachi Semiconductor M61538FP Datasheet HTML 8Page - Hitachi Semiconductor M61538FP Datasheet HTML 9Page - Hitachi Semiconductor M61538FP Datasheet HTML 10Page - Hitachi Semiconductor M61538FP Datasheet HTML 11Page - Hitachi Semiconductor M61538FP Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
M61538FP
Rev.1.0, Mar.23.2004, page 8 of 11
Electrical Characteristics (Supply current)
(Unless otherwise noted, Ta = 25°C, VCC(18pin) = 7V, VEE(19pin) = –7V, DVDD(5pin) = 5V, RL = 10k
Ω)
Limits
Parameter
Symbol
Min
Typ
Max
Units
Test Condition
Positive Supply current
ICC
11
20
mA
when no signal is provided
Negative Supply current
IEE
–20
–11
mA
when no signal is provided
Digital Supply current
IDD
0.5
2
mA
when no signal is provided
Electrical Characteristics (Input/Output)
(Unless otherwise noted, Ta = 25°C, VCC(18pin) = 7V, VEE(19pin) = –7V, DVDD(5pin) = 5V, f = 1kHz, RL = 10k
Ω)
Limits
Parameter
Symbol
Min
Typ
Max
Units
Test Condition
Input resistance
Rin
17
25
33
k
13, 15, 17, 20, 22, 24pin,
Volume = 0 to –
∞dB
Maximum output voltage
VOM
4.0
4.5
Vrms
2, 3, 4, 9, 10, 11pin output,
RL = 10k
Ω, THD = 1%
Pass gain
Gv
–2
0
2
dB
13, 15, 17, 20, 22, 24pin input,
2, 3, 4, 9, 10, 11pin output
Distortion
THD
0.0012
0.009
%
BW = 400Hz to 30kHz,
Vi = 0.3Vrms, RL=10k
Output noise voltage
Vno
0.85
8
µVrms
Volume = 0dB , Rg = 0Ω, IHF-A
Maximum attenuation
ATTmax
–120
–70
dB
Vi = 2Vrms, Volume = –
∞dB, IHF-A
Volume gain between channels
Dvol
–1
0
1
dB
Volume = 0, IHF-A
Cross talk between channels
CT
–110
–70
dB
Vi = 2Vrms, RL = 10k
Ω, IHF-A,
Rg = 0


Similar Part No. - M61538FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61538FP RENESAS-M61538FP Datasheet
132Kb / 12P
   6-Channel Electronic Volume
More results

Similar Description - M61538FP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1150 NJRC-NJW1150 Datasheet
217Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M61538FP RENESAS-M61538FP Datasheet
132Kb / 12P
   6-Channel Electronic Volume
logo
New Japan Radio
NJW1151 NJRC-NJW1151 Datasheet
154Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
logo
Princeton Technology Co...
PT2258 PTC-PT2258_07 Datasheet
228Kb / 17P
   6-Channel Electronic Volume Controller IC
PT2258 PTC-PT2258 Datasheet
180Kb / 15P
   6-Channel Electronic Volume Controller IC
logo
Fujitsu Component Limit...
MB87077 FUJITSU-MB87077 Datasheet
535Kb / 13P
   6-bit, 4-channel Electronic Volume Controller
logo
New Japan Radio
NJW1153 NJRC-NJW1153 Datasheet
292Kb / 20P
   6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
logo
Fujitsu Component Limit...
MB87078 FUJITSU-MB87078 Datasheet
525Kb / 13P
   6-bit, 4-channel Electronic Volume Controller
logo
New Japan Radio
NJU72343 NJRC-NJU72343 Datasheet
479Kb / 16P
   8-CHANNEL ELECTRONIC VOLUME
Ver.2.6E
logo
Mitsubishi Electric Sem...
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
   2 CHANNEL ELECTRONIC VOLUME BALANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com