Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM62V16100LTI-5SL Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HM62V16100LTI-5SL
Description  Wide Temperature Range Version
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62V16100LTI-5SL Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HM62V16100LTI-5SL Datasheet HTML 6Page - Hitachi Semiconductor HM62V16100LTI-5SL Datasheet HTML 7Page - Hitachi Semiconductor HM62V16100LTI-5SL Datasheet HTML 8Page - Hitachi Semiconductor HM62V16100LTI-5SL Datasheet HTML 9Page - Hitachi Semiconductor HM62V16100LTI-5SL Datasheet HTML 10Page - Hitachi Semiconductor HM62V16100LTI-5SL Datasheet HTML 11Page - Hitachi Semiconductor HM62V16100LTI-5SL Datasheet HTML 12Page - Hitachi Semiconductor HM62V16100LTI-5SL Datasheet HTML 13Page - Hitachi Semiconductor HM62V16100LTI-5SL Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
HM62V16100I Series
Rev.2.00, Oct.06.2003, page 10 of 23
DC Characteristics
Parameter
Symbol Min
Typ*
1
Max
Unit
Test conditions*
2
Input leakage current
|I
LI|
1
µA
Vin = V
SS to VCC
Output leakage current
|I
LO|
1
µA
CS1 = V
IH or CS2 = VIL or
OE = V
IH or WE = VIL or
LB = UB = V
IH, VI/O = VSS to VCC
Operating current
I
CC
20
mA
CS1 = V
IL, CS2 = VIH,
Others = V
IH/ VIL, II/O = 0 mA
Average operating current
I
CC1
(READ)
22
35
mA
Min. cycle, duty = 100%,
I
I/O = 0 mA, CS1 = VIL, CS2 = VIH,
WE = V
IH, Others = VIH/VIL
I
CC1
30
50
mA
Min. cycle, duty = 100%,
I
I/O = 0 mA, CS1 = VIL, CS2 = VIH,
Others = V
IH/VIL
I
CC2*
5
(READ)
3
8
mA
Cycle time = 70 ns, duty =
100%,
I
I/O = 0 mA, CS1 = VIL, CS2 = VIH,
WE = V
IH, Others = VIH/VIL
Address increment scan or
decrement scan
I
CC2
*5
20
30
mA
Cycle time = 70 ns, duty =
100%,
I
I/O = 0 mA, CS1 = VIL, CS2 = VIH,
Others = V
IH/VIL
Address increment scan or
decrement scan
I
CC3
3
8
mA
Cycle time = 1
µs, duty = 100%,
I
I/O = 0 mA, CS1 ≤ 0.2 V,
CS2
≥ V
CC − 0.2 V
V
IH ≥ VCC − 0.2 V, VIL ≤ 0.2 V
Standby current
I
SB
0.1
0.5
mA
CS2 = V
IL
Standby current
I
SB1*
3
0.5
25
µA
0 V
≤ Vin
(1) 0 V
≤ CS2 ≤ 0.2 V or
(2)
CS1 ≥ V
CC − 0.2 V,
CS2
≥ V
CC − 0.2 V or
(3)
LB = UB ≥ V
CC − 0.2 V,
CS2
≥ V
CC − 0.2 V,
CS1 ≤ 0.2 V
Average value
I
SB1*
4
0.5
8
µA
Output high voltage
V
OH
2.4
V
I
OH = −1 mA
V
OH
V
CC − 0.2
V
I
OH = −100 µA
Output low voltage
V
OL
0.4
V
I
OL = 2 mA
V
OL
0.2
V
I
OL = 100 µA


Similar Part No. - HM62V16100LTI-5SL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM62V16100LTI-5SL RENESAS-HM62V16100LTI-5SL Datasheet
211Kb / 25P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
More results

Similar Description - HM62V16100LTI-5SL

ManufacturerPart #DatasheetDescription
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
   Wide Temperature Range
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
   Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
   Wide Temperature Range
logo
Ironwood Electronics.
GT-QFN-3013 IRONWOOD-GT-QFN-3013 Datasheet
815Kb / 5P
   Wide temperature range
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-6211T AVAGO-ACFL-6211T Datasheet
308Kb / 13P
   Automotive Wide Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
   Wide operation temperature range
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
   Wide operating temperature range
Rev: G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com