Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0031.1653 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0031.1653
Description  Quick-conntect or solder terminals
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0031.1653 Datasheet(HTML) 2 Page - Schurter Inc.

  0031.1653 Datasheet HTML 1Page - Schurter Inc. 0031.1653 Datasheet HTML 2Page - Schurter Inc. 0031.1653 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Fuseholders
FEU
www.schurter.com/pg02
Fuses
0.5
6.5
45
16.2
M12.7x1.5
max.7
3.5x2.5
14
SW14
Variants 0031.1653, 0031.1695, 0031.1696
0.5
6.5
45
16.2
M12.7x1.5
max.7
3.5x2.5
4
SW14
Variant 0031.1673
11.7
0
-0.13
12.2
0
-0.13
13
0
-0.3
Mounting holes
Derating Curves
0
20
40
60
80
100
0.5
0.0
I = << In
I = 0.7 In
I = 1.0 In
4.0
1.5
1.0
2.0
3.0
2.5
3.5
Ambient Air Temperature Ta °C
Variants
Holder
Cap
Fuse-Link
Terminal
Position End-Terminal
Degree of
Protection
Colour
Cap
Remark
Order Number
l
-
5 x 20 or 6.3 x 32mm
Quick-Connect 4.8 x 0.5
90° to Fuse Axis
IP 40
-
-
0031.1693
l
-
5 x 20 or 6.3 x 32mm
Quick-Connect 4.8 x 0.5
Straight to Fuse Axis
IP 40
-
-
0031.1694
l
-
5 x 20 or 6.3 x 32mm
Solder
90° to Fuse Axis
IP 40
-
-
0031.8822
l
-
5 x 20 or 6.3 x 32mm
Solder
90° to Fuse Axis
IP 40
-
-
0031.1653
l
-
5 x 20 or 6.3 x 32mm
Solder
90° to Fuse Axis
IP 40
-
-
0031.1673
l
Fingergrip
5 x 20mm
Quick-Connect 4.8 x 0.5
90° to Fuse Axis
IP 40
-
0031.1693 + 0031.1741
0031.1762
l
Fingergrip
5 x 20mm
Solder
90° to Fuse Axis
IP 40
-
0031.1673 + 0031.1741
0031.1756
0031.1695+0031.1696aremadeoutofthermosetmaterial.
Packaging Unit
Bulk(100pcs.)


Similar Part No. - 0031.1653

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.1653 SCHURTER-0031.1653 Datasheet
2Mb / 58P
   FUSEHOLDERS / SICHERUNGSHALTER
0031.1653 SCHURTER-0031.1653 Datasheet
511Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot
0031.1653 SCHURTER-0031.1653 Datasheet
542Kb / 4P
   Quick-conntect or solder terminals
More results

Similar Description - 0031.1653

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.1661 SCHURTER-0031.1661 Datasheet
542Kb / 4P
   Quick-conntect or solder terminals
logo
List of Unclassifed Man...
7816 ETC2-7816 Datasheet
515Kb / 1P
   QUICK-FIT TERMINALS
logo
Cornell Dubilier Electr...
7P301V330J032 CDE-7P301V330J032_13 Datasheet
303Kb / 3P
   High Energy, Long-Life, Snapmount or Solder-Lug Terminals
logo
Schurter Inc.
2570 SCHURTER-2570 Datasheet
385Kb / 5P
   IEC Appliance Inlet C8, Solder, PCB or Quick-connect Terminal
2570 SCHURTER-2570_V01 Datasheet
399Kb / 5P
   IEC Appliance Inlet C8, Solder, PCB or Quick-connect Terminal
05.01.2022
6170 SCHURTER-6170 Datasheet
365Kb / 3P
   IEC Appliance Inlet C14, insert Mounting, Solder or Quick-connect, PCB or Screw Terminal
2576 SCHURTER-2576_21 Datasheet
343Kb / 4P
   IEC Appliance Inlet C8, screw-on mounting front or rear, solder or quick-connect or PCB terminal
2576 SCHURTER-2576_18 Datasheet
344Kb / 4P
   IEC Appliance Inlet C8, screw-on mounting front or rear, solder or quick-connect or PCB terminal
2576 SCHURTER-2576_V01 Datasheet
343Kb / 4P
   IEC Appliance Inlet C8, screw-on mounting front or rear, solder or quick-connect or PCB terminal
05.01.2022
logo
Tyco Electronics
VF4 MACOM-VF4 Datasheet
144Kb / 4P
   40 Amp Relay With PC Board or Quick Connect Terminals for Automotive Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com