Electronic Components Datasheet Search |
|
DMS3100R16S-29PBSN-1 Datasheet(PDF) 3 Page - DDK Ltd. |
|
DMS3100R16S-29PBSN-1 Datasheet(HTML) 3 Page - DDK Ltd. |
3 / 26 page Unit:mm http://www.ddknet.co.jp D/MS E/F/R Series 3 ○ D/MS E/F/R Series ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Please varify the latest specifications with our drawings. Contact ---Solder Type--- ---Crimp Type--- Pin Contact DMSE - # □□ P □ Pin Contact DMSE - # □□ P □ - C □ Applicable Wire Rated Current Rated Voltage Socket Contact DMSE - # □□ S □ Socket Contact DMSE - # □□ S □ -C □ Contact Size AWG Sectional Area Capacitance (mm2) Max. Conductor External Diameter (mm) #16 #16 - #22 1.25 1.6 #12 #12 - #14 3.50 2.5 #8 #8 - #10 8.00 4.5 #4 #4 - #6 22.00 7.0 #0 #0 - #2 50.00 11.0 Contact Size AWG Max. Value per Contact(A) #16 #16 - #22 13 #12 #12 - #14 23 #8 #8 - #10 46 #4 #4 - #6 80 #0 #0 - #2 150 Service Rating Rated Voltage(V) DC AC (r.m.s) INST 250 200 A 700 500 D 1250 900 E 1750 1250 B 2450 1750 Note) Solder cup of the contact It varies according to contact size. # 0, # 4, # 8, straight (There is no cut) # 12, # 16, solder cup (There is a cut) |
Similar Part No. - DMS3100R16S-29PBSN-1 |
|
Similar Description - DMS3100R16S-29PBSN-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |