Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4160T Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # PBSS4160T
Description  Silicon NPN transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

PBSS4160T Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  PBSS4160T Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS4160T Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS4160T Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS4160T Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS4160T Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS4160T Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PBSS4160T
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
3
/ 6
电参数曲线图 / Electrical Characteristic Curve


Similar Part No. - PBSS4160T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4160T PHILIPS-PBSS4160T Datasheet
111Kb / 10P
   60 V, 1 A NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4160T PHILIPS-PBSS4160T Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS4160T NEXPERIA-PBSS4160T Datasheet
852Kb / 12P
   60 V, 1 A NPN low VCEsat (BISS) transistor
1 April 2023
PBSS4160T-Q NEXPERIA-PBSS4160T-Q Datasheet
257Kb / 12P
   60 V, 1 A NPN low VCEsat (BISS) transistor
15 December 2021
logo
NXP Semiconductors
PBSS4160T PHILIPS-PBSS4160T_15 Datasheet
370Kb / 10P
   NPN low VCEsat (BISS) transistor
2004 May 12
More results

Similar Description - PBSS4160T

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BCX70K FOSHAN-BCX70K Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
KTC3881S FOSHAN-KTC3881S Datasheet
693Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
L8050M FOSHAN-L8050M Datasheet
783Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBR5179 FOSHAN-MMBR5179 Datasheet
600Kb / 5P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222 FOSHAN-MMBT2222 Datasheet
817Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222A FOSHAN-MMBT2222A Datasheet
879Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT5089 FOSHAN-MMBT5089 Datasheet
633Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC1740M FOSHAN-2SC1740M Datasheet
760Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2216M FOSHAN-2SC2216M Datasheet
804Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2717M FOSHAN-2SC2717M Datasheet
873Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC3130 FOSHAN-2SC3130 Datasheet
609Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com